Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 104Page - Renesas Technology Corp M32C/8A Datasheet HTML 105Page - Renesas Technology Corp M32C/8A Datasheet HTML 106Page - Renesas Technology Corp M32C/8A Datasheet HTML 107Page - Renesas Technology Corp M32C/8A Datasheet HTML 108Page - Renesas Technology Corp M32C/8A Datasheet HTML 109Page - Renesas Technology Corp M32C/8A Datasheet HTML 110Page - Renesas Technology Corp M32C/8A Datasheet HTML 111Page - Renesas Technology Corp M32C/8A Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 91 of 352
REJ09B0385-0100
Figure 9.15
Procedure to Enter Stop Mode
Set an interrupt priority level of each interrupt
RLVL register: bits RLVL2 to RLVL0 = 7
Set the interrupt priority level (ILVL2 to ILVL0) of
the interrupt used to exit stop mode
I flag = 0
(1) Initial setting
Set the interrupt priority level of the interrupts,
which is not used to exit stop mode, to 0
FLG register: set IPL
Bits RLVL2 to RLVL0 = the same level as IPL
I flag = 1
CM1 register: CM10 bit = 1
(2) Before entering stop mode
Stop mode
RLVL register: bits RLVL2 to RLVL0 = 7
(3) After exiting wait mode
PRCR register: PRC0 bit = 1
PRC1 bit = 1
CM2 register: CM20 bit = 0
When the oscillation stop detect function is used
CM1 register: CM17 bit = 0
CM2 register: CM21 bit = 0
CM0 register: CM07 bit = 0
Select the main clock as the CPU clock source
(※Set after a main clock oscillation stabilizes)
Start
End
Set the wait/stop mode
exit interrupt priority level to 7.
Interrupt disabled
Set the exit interrupt priority level (RLVL2 to RLVL0)*
Enable writing to registers associated with clocks
Disable oscillation stop detect function
Interrupt enabled
All clocks stop(1)
Set the exit priority level as soon as exiting wait mode
> IPL* = (RLVL2 to RLVL0)*
(ILVL2 to ILVL0)
Set the processor interrupt priority level (IPL)*
NOTE:
1. Insert the jmp.b instruction as follows after the instruction to set the CM10 bit to 1.
bset 0,
cm1
; all clocks stopped (stop mode)
jmp.b LABEL_001 ; jmp.b instruction executed (no instruction
LABEL_001:
; between jmp.b and LABEL.)
nop
; nop(1)
nop
; nop(2)
nop
; nop(3)
nop
; nop(4)
mov.b #0, prcr
; protection set
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com