Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 106Page - Renesas Technology Corp M32C/8A Datasheet HTML 107Page - Renesas Technology Corp M32C/8A Datasheet HTML 108Page - Renesas Technology Corp M32C/8A Datasheet HTML 109Page - Renesas Technology Corp M32C/8A Datasheet HTML 110Page - Renesas Technology Corp M32C/8A Datasheet HTML 111Page - Renesas Technology Corp M32C/8A Datasheet HTML 112Page - Renesas Technology Corp M32C/8A Datasheet HTML 113Page - Renesas Technology Corp M32C/8A Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 93 of 352
REJ09B0385-0100
9.6
System Clock Protect Function
The system clock protect function prohibits changing the CPU clock source when the main clock is selected as the
CPU clock source. With this function, the CPU clock can continue running even if the program runs out of control.
When the PM21 bit in the PM2 register is set to 1 (disables a clock change), the following bits cannot be written:
• Bits CM02, CM05, and CM07 in the CM0 register
• Bits CM10 and CM17 in the CM1 register
• The CM20 bit in the CM2 register
• All bits in registers PLC0 and PLC1
The CPU clock continues running when the WAIT instruction is executed.
Figure 9.16 shows a procedure to use the system clock protect function. Follow the procedure while the CM05 bit
in the CM0 register is set to 0 (main clock oscillates) and the CM07 bit to 0 (main clock as CPU clock source).
Figure 9.16
Procedure to Use System Clock Protect Function
Start
PM2 register: PM21 bit = 1(1)
PRCR register: PRC1 bit = 0
End
PRCR register: PRC1 bit = 1
Enable writing to registers associated with clocks
NOTE:
1. Execute the WAIT instruction when the PM21 bit in the PM2 register is set to 0.
Disable a clock change
Disable writing to registers associated with clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com