Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 107Page - Renesas Technology Corp M32C/8A Datasheet HTML 108Page - Renesas Technology Corp M32C/8A Datasheet HTML 109Page - Renesas Technology Corp M32C/8A Datasheet HTML 110Page - Renesas Technology Corp M32C/8A Datasheet HTML 111Page - Renesas Technology Corp M32C/8A Datasheet HTML 112Page - Renesas Technology Corp M32C/8A Datasheet HTML 113Page - Renesas Technology Corp M32C/8A Datasheet HTML 114Page - Renesas Technology Corp M32C/8A Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 372 page
background image
M32C/8A Group
10. Protection
Rev.1.00
Jul 15, 2007
Page 94 of 352
REJ09B0385-0100
10. Protection
The function protects important registers from being inadvertently overwritten in case of a program crash. Figure 10.1
shows the PRCR register.
The PRC2 bit in the PRCR register becomes 0 (write disable) by a write to the SFR area after the PRC2 bit is set to 1
(write enable). Set the PD9 or PS3 register immediately after the PRC2 bit is set to 1. Do not generate an interrupt or
a DMA or DMACII transfer between these two instructions. Bits PRC0, PRC1, and PRC3 do not become 0
automatically even after a write to the SFR area. Set bits PRC0, PRC1, and PRC3 to 0 by program.
Figure 10.1
PRCR Register
b7 b6 b5 b4
b1
b2
b3
Protect Register
Symbol
PRCR
Address
000Ah
Bit Symbol
Bit Name
RW
After Reset
XXXX 0000b
b0
Function
PRC0
RW
PRC1
PRC2
PRC3
RW
RW
RW
Writing to registers CM0, CM1, CM2, MCD,
PLC0, and PLC1 is enabled
0: Write disable
1: Write enable
Protect bit 0(1)
Protect bit 1(1)
Writing to registers PM0, PM1, PM2, INVC0,
and INVC1 is enabled
0: Write disable
1: Write enable
Protect bit 2(2)
Writing to registers PD9 and PS3 is enabled
0: Write disable
1: Write enable
Protect bit 3(1)
Writing to registers VCR2 and D4INT is enabled
0: Write disable
1: Write enable
Unimplemented.
Write 0. Read as undefined value.
(b7-b4)
NOTES:
1. Bits PRC0, PRC1, and PRC3 do not become 0 automatically even after a write to the SFR area. Set bits PRC0, PRC1, and
PRC3 to 0 by program.
2. The PRC2 bit becomes 0 by a write to the SFR area after the PRC2 bit is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com