Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 105Page - Renesas Technology Corp M32C/8A Datasheet HTML 106Page - Renesas Technology Corp M32C/8A Datasheet HTML 107Page - Renesas Technology Corp M32C/8A Datasheet HTML 108Page - Renesas Technology Corp M32C/8A Datasheet HTML 109Page - Renesas Technology Corp M32C/8A Datasheet HTML 110Page - Renesas Technology Corp M32C/8A Datasheet HTML 111Page - Renesas Technology Corp M32C/8A Datasheet HTML 112Page - Renesas Technology Corp M32C/8A Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 92 of 352
REJ09B0385-0100
9.5.3.2
Pin States in Stop Mode
Table 9.8 lists pin states in stop mode.
Table 9.8
Pin States in Stop Mode
9.5.3.3
Exiting Stop Mode
Stop mode is exited by the hardware reset 1, NMI interrupt, Vdet4 detection interrupt, or peripheral function
interrupts. The following are the peripheral function interrupts that can be used to exit stop mode.
• Key input interrupt
• INT interrupt
• Timer A and timer B interrupts
(Available when the timer counts external pulse having 100-Hz frequency or below in event counter mode)
When only the hardware reset 1, NMI interrupt, or Vdet4 detection interrupt are used to exit stop mode, set bits
ILVL2 to ILVL0 in the Interrupt Control Registers for all the peripheral function interrupts to 000b (interrupt
disabled) before setting the CM10 bit in the CM1 register to 1 (all clocks stop).
If the voltage applied to pins VCC1 and VCC2 drops below 3.0 V in stop mode, exit stop mode by the hardware
reset 1 after the voltage has satisfied the recommended operating conditions.
Pin
States
Address Bus, Data Bus, CS0 to CS3, BHE
Maintain the state immediately before entering stop mode
RD, WR, WRL, WRH
“H”
HLDA, BCLK
“H”
ALE
“H”
Ports
Maintain the state immediately before entering stop mode
CLKOUT
When fC is selected
“H”
When f8, f32 are selected
The clock is stopped and holds the level immediately before
entering stop mode
XIN
Placed in a high-impedance state
XOUT
“H”
XCIN, XCOUT
Placed in a high-impedance state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com