Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 111Page - Renesas Technology Corp M32C/8A Datasheet HTML 112Page - Renesas Technology Corp M32C/8A Datasheet HTML 113Page - Renesas Technology Corp M32C/8A Datasheet HTML 114Page - Renesas Technology Corp M32C/8A Datasheet HTML 115Page - Renesas Technology Corp M32C/8A Datasheet HTML 116Page - Renesas Technology Corp M32C/8A Datasheet HTML 117Page - Renesas Technology Corp M32C/8A Datasheet HTML 118Page - Renesas Technology Corp M32C/8A Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 372 page
background image
M32C/8A Group
11. Interrupts
Rev.1.00
Jul 15, 2007
Page 98 of 352
REJ09B0385-0100
11.4
High-Speed Interrupt
The high-speed interrupt executes an interrupt sequence in five cycles and returns from the interrupt routine in
three cycles. When the FSIT bit in the RLVL register is set to 1 (interrupt priority level 7 is used for the high-
speed interrupt), the interrupt that bits ILVL2 to ILVL0 in the Interrupt Control Register are set to 111b (level 7)
becomes the high-speed interrupt.
Only one interrupt can be set as the high-speed interrupt. To use the high-speed interrupt, do not set multiple
interrupts to interrupt priority level 7. Set the DMAII bit in the RLVL register to 0 (interrupt priority level 7 is
used for interrupt) to use the high-speed interrupt.
Set the starting address of a high-speed interrupt routine in the VCT register.
When the high-speed interrupt is acknowledged, the FLG register value is saved into the SVF register and the
PC value is saved into the SVP register. A program is executed from an address indicated by the VCT register.
Use the FREIT instruction to return from a high-speed interrupt routine. Values saved into registers SVF and
SVP are restored to the FLG register and PC by executing the FREIT instruction.
The high-speed interrupt, and DMA2 and DMA3 share some of the registers. When using the high-speed
interrupt, neither DMA2 nor DMA3 is available. DMA0 and DMA1 can still be used.
Figure 11.2 shows a procedure to use high-speed interrupt.
Figure 11.2
Procedure to Use High-Speed Interrupt
I flag = 0
RLVL register: FSIT bit = 1
DMAII bit = 0
I flag = 1
Operate peripheral functions
VCT regsiter: Set the starting address of
the high-speed interrupt routine
Interrupt Control Register:
Bits ILVL2 to ILVL0 = 111b (level 7)
Interrupt enabled
Interrupt disabled
Interrupt priority level 7 is used for the high-speed interrupt
Interrupt priority level 7 is used for interrupt
Set the interrupt priority level in the Interrupt Control Register
for the peripheral function used for the high-speed
interrupt source.
Set the peripheral function used for the high-speed
interrupt source
Start
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com