Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 112Page - Renesas Technology Corp M32C/8A Datasheet HTML 113Page - Renesas Technology Corp M32C/8A Datasheet HTML 114Page - Renesas Technology Corp M32C/8A Datasheet HTML 115Page - Renesas Technology Corp M32C/8A Datasheet HTML 116Page - Renesas Technology Corp M32C/8A Datasheet HTML 117Page - Renesas Technology Corp M32C/8A Datasheet HTML 118Page - Renesas Technology Corp M32C/8A Datasheet HTML 119Page - Renesas Technology Corp M32C/8A Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 372 page
background image
M32C/8A Group
11. Interrupts
Rev.1.00
Jul 15, 2007
Page 99 of 352
REJ09B0385-0100
11.5
Interrupts and Interrupt Vectors
There are four bytes in each interrupt vector. Set the starting address of an interrupt routine in each interrupt vector.
When an interrupt request is acknowledged, an interrupt routine is executed from the address set in its interrupt
vector. Figure 11.3 shows an interrupt vector.
Figure 11.3
Interrupt Vector
11.5.1
Fixed Vector Table
The fixed vector table is allocated addresses FFFFDCh to FFFFFFh. Table 11.1 lists the fixed vector table.
Table 11.1
Fixed Vector Table
11.5.2
Relocatable Vector Table
The relocatable vector table occupies 256 bytes beginning from the address set in the INTB register. Tables
11.2 and 11.3 list the relocatable vector table.
Set an even address to the starting address of the vector set in the INTB register to increase the interrupt
sequence execution rate.
Interrupt
Source
Vector Addresses
Address (L) to Address (H)
Remarks
Reference
Undefined
instruction
FFFFDCh to FFFFDFh
M32C/80 series
software manual
Overflow
FFFFE0h to FFFFE3h
BRK instruction
FFFFE4h to FFFFE7h
If the content of the address
FFFFE7h is FFh, the CPU
executes from the address
stored into software interrupt
number 0 in the relocatable
vector table.
Address match
FFFFE8h to FFFFEBh
−
FFFFECh to FFFFEFh
Reserved space
Watchdog timer
FFFFF0h to FFFFF3h
These addresses are used for
the watchdog timer interrupt,
oscillation stop detection
interrupt, and Vdet4 detection
interrupt.
Reset,
clock generation circuit,
watchdog timer
−
FFFFF4h to FFFFF7h
Reserved space
NMI
FFFFF8h to FFFFFBh
Reset
FFFFFCh to FFFFFFh
Reset
8 Middle-order bits of address
8 Low-order bits of address
00h
Vector address+0
LSB
MSB
Vector address+1
Vector address+2
Vector address+3
8 High-order bits of address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com