Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 115Page - Renesas Technology Corp M32C/8A Datasheet HTML 116Page - Renesas Technology Corp M32C/8A Datasheet HTML 117Page - Renesas Technology Corp M32C/8A Datasheet HTML 118Page - Renesas Technology Corp M32C/8A Datasheet HTML 119Page - Renesas Technology Corp M32C/8A Datasheet HTML 120Page - Renesas Technology Corp M32C/8A Datasheet HTML 121Page - Renesas Technology Corp M32C/8A Datasheet HTML 122Page - Renesas Technology Corp M32C/8A Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 372 page
background image
M32C/8A Group
11. Interrupts
Rev.1.00
Jul 15, 2007
Page 102 of 352
REJ09B0385-0100
11.6
Interrupt Request Acknowledgement
Software interrupts occur when their corresponding instructions are executed. The INTO instruction, however,
requires the O flag in the FLG register to be 1. Special interrupts occur when their corresponding interrupt requests
are generated.
For the peripheral function interrupts to be acknowledged, the following conditions must be met:
• I flag = 1
• IR bit = 1
• Bits ILVL2 to ILVL > IPL
The I flag, IPL, IR bit, and bits ILVL2 to ILVL0 are independent of each other. The I flag and IPL are in the FLG
register. The IR bit and bits ILVL2 to ILVL0 are in the Interrupt Control Register.
11.6.1
I Flag and IPL
The I flag enables and disables maskable interrupts. When the I flag is set to 1 (enable), all maskable interrupts
are enabled; when the I flag is set to 0 (disable), they are disabled. The I flag is automatically set to 0 after
reset.
IPL is 3 bits wide and indicates the Interrupt Priority Level (IPL) from level 0 to level 7. If a requested interrupt
has higher priority level than IPL, the interrupt is acknowledged.
Table 11.4 lists interrupt priority levels associated with IPL.
Table 11.4
Interrupt Priority Levels
11.6.2
Interrupt Control Registers and RLVL Register
The Interrupt Control Registers are used to control the peripheral function interrupts. Figures 11.4 and 11.5
show the Interrupt Control Registers. Figure 11.6 shows the RLVL register.
IPL2 to IPL0
Required Interrupt Priority Levels to Be Acknowledged
for Maskable Interrupts
0
Level 1 and above
1
Level 2 and above
2
Level 3 and above
3
Level 4 and above
4
Level 5 and above
5
Level 6 and above
6
Level 7 and above
7
All maskable interrupts are disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com