Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 118Page - Renesas Technology Corp M32C/8A Datasheet HTML 119Page - Renesas Technology Corp M32C/8A Datasheet HTML 120Page - Renesas Technology Corp M32C/8A Datasheet HTML 121Page - Renesas Technology Corp M32C/8A Datasheet HTML 122Page - Renesas Technology Corp M32C/8A Datasheet HTML 123Page - Renesas Technology Corp M32C/8A Datasheet HTML 124Page - Renesas Technology Corp M32C/8A Datasheet HTML 125Page - Renesas Technology Corp M32C/8A Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 372 page
background image
M32C/8A Group
11. Interrupts
Rev.1.00
Jul 15, 2007
Page 105 of 352
REJ09B0385-0100
Figure 11.6
RLVL Register
11.6.2.3
Bits RLVL2 to RLVL0
When using an interrupt to exit wait mode or stop mode, refer to 9.5.2 Wait Mode and 9.5.3 Stop Mode for
details.
b7 b6 b5 b4
b1
b2
b3
Symbol
RLVL
Address
009F
After Reset
XXXX 0000b
b0
Function
Bit Symbol
Bit Name
RW
RW
Exit Priority Register
RW
RW
RW
RW
RLVL0
Exit wait mode/stop mode
interrupt priority level
control bits(1)
RLVL1
RLVL2
b2 b1 b0
0 0 0: Level 0
0 0 1: Level 1
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
FSIT
DMAII
High-speed interrupt select bit
DMACII select bit(4)
0: Interrupt priority level 7 is used for interrupt
1: Interrupt priority level 7 is used for DMACII
transfer(2)
0: Interrupt priority level 7 is used for normal
interrupt
1: Interrupt priority level 7 is used for high-speed
interrupt(2)(3)
(b7-b6)
Unimplemented.
Write 0. Read as undefined value.
NOTES:
1. The MCU exits stop or wait mode when an interrupt priority level of a requested interrupt is higher than a level set using bits
RLVL2 to RLVL0. Set bits RLVL2 to RLVL0 to the same value as IPL in the FLG register.
2. Do not set both the FSIT and DMAII bits to 1.
Set either the FSIT bit or the DMAII bit to 1 before setting bits ILVL2 to ILVL0 in the Interrupt Control Register to 111b.
3. Only one interrupt can have the interrupt priority level 7 when selecting the high-speed interrupt.
4. The DMAII bit is undefined after reset. To use interrupt priority level 7 for an interrupt, set it to 0 before setting the Interrupt
Control Register.
(b4)
Unimplemented.
Write 0. Read as undefined value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com