Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 117Page - Renesas Technology Corp M32C/8A Datasheet HTML 118Page - Renesas Technology Corp M32C/8A Datasheet HTML 119Page - Renesas Technology Corp M32C/8A Datasheet HTML 120Page - Renesas Technology Corp M32C/8A Datasheet HTML 121Page - Renesas Technology Corp M32C/8A Datasheet HTML 122Page - Renesas Technology Corp M32C/8A Datasheet HTML 123Page - Renesas Technology Corp M32C/8A Datasheet HTML 124Page - Renesas Technology Corp M32C/8A Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 372 page
background image
M32C/8A Group
11. Interrupts
Rev.1.00
Jul 15, 2007
Page 104 of 352
REJ09B0385-0100
Figure 11.5
Interrupt Control Register (2)
11.6.2.1
Bits ILVL2 to ILVL0
Bits ILVL2 to ILVL0 determine an interrupt priority level. The higher the interrupt priority level is, the higher
priority the interrupt has.
When an interrupt request is generated, its interrupt priority level is compared to IPL. This interrupt is enabled
only when its interrupt priority level is higher than IPL. When bits ILVL2 to ILVL0 are set to 000b (level 0),
the interrupt is disabled.
11.6.2.2
IR Bit
The IR bit is automatically set to 1 (interrupt requested) by hardware when an interrupt request is generated.
After an interrupt request is acknowledged and an interrupt sequence in the corresponding interrupt vector is
executed, the IR bit is automatically set to 0 (interrupt not requested) by hardware.
The IR bit can be set to 0 by program. Do not set it to 1.
b7 b6 b5 b4
b1
b2
b3
Symbol
INT0IC to INT2IC
INT3IC to INT5IC(1)
Address
009Eh, 007Eh, 009Ch
007Ch, 009Ah, 007Ah
After Reset
XX00 X000b
XX00 X000b
b0
Function
Bit Symbol
Bit Name
RW
RW
Interrupt Control Register
RW
RW
RW
RW
RW
ILVL0
Interrupt priority level
select bits
ILVL1
ILVL2
b2 b1 b0
0 0 0: Level 0 (interrupt disabled)
0 0 1: Level 1
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
IR
POL
LVS
Interrupt request bit(2)
Polarity switch bit(3)
Level sensitive/
edge sensitive switch bit(4)
0 : Edge sensitive
1 : Level sensitive
0: Interrupt not requested
1: Interrupt requested
0: Falling edge / "L" level selected
1: Rising edge / "H" level selected
−
(b7-b6)
−
Unimplemented.
Write 0. Read as undefined value.
NOTES:
1. When a 16-bit data bus is used in microprocessor mode, pins INT3 to INT5 are used as data bus. In this case, set bits ILVL2 to
ILVL0 in registers INT3IC to INT5IC to 000b.
2. The IR bit can be set to 0 only. (Do not set to 1.)
3. Set the POL bit to 0 when its corresponding bit in the IFSR register is set to 1 (both edges).
4. When the LVS bit is set to 1, set its corresponding bit in the IFSR register to 0 (one edge).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com