Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 144Page - Renesas Technology Corp M32C/8A Datasheet HTML 145Page - Renesas Technology Corp M32C/8A Datasheet HTML 146Page - Renesas Technology Corp M32C/8A Datasheet HTML 147Page - Renesas Technology Corp M32C/8A Datasheet HTML 148Page - Renesas Technology Corp M32C/8A Datasheet HTML 149Page - Renesas Technology Corp M32C/8A Datasheet HTML 150Page - Renesas Technology Corp M32C/8A Datasheet HTML 151Page - Renesas Technology Corp M32C/8A Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 372 page
background image
M32C/8A Group
13. DMAC
Rev.1.00
Jul 15, 2007
Page 131 of 352
REJ09B0385-0100
13.2
DMA Transfer Time
The DMA transfer time can be calculated as follows. (in terms of bus clock)
Table 13.3 lists the number of the source read cycle and destination write cycle. Table 13.4 lists coefficient j, k (the
number of bus clock).
Transfer time = source read bus cycle × j + destination write bus cycle × k
Table 13.3
Source Read Cycle and Destination Write Cycle
i=0 to 3, p=0 and 1
Table 13.4
Coefficient j, k
13.3
Channel Priority and DMA Transfer Timing
When multiple DMA requests are generated in the same sampling period (between a falling edge of the BCLK and
the next falling edge), the corresponding DRQ bits in the DMiSL register (i = 0 to 3) are set to 1 (requested)
simultaneously. Channel priority in this case is: DMA0 > DMA1 > DMA2 > DMA3. Leave the following period
between each DMA transfer request generation on the same channel.
DMA request interval
≥ (number of channels set for DMA transfer - 1) × 5 BCLK cycles
Described in the following is the operation when DMA0 and DMA1 requests are generated in the same sampling
period. Figure 13.9 shows an example of DMA transfers triggered by the INT interrupts.
In Figure 13.9, DMA0 and DMA1 requests are generated simultaneously. A DMA0 request having higher priority
is acknowledged first to start a transfer. After one DMA0 transfer is completed, the DMAC returns ownership of
the bus to the CPU. When the CPU has completed one bus access, a DMA1 transfer starts. After one DMA1
transfer is completed, bus ownership is again returned to the CPU.
DMA requests cannot be counted up since each channel has one DRQ bit. Even if multiple DMA1 requests are
generated before receiving bus ownership as shown in Figure 13.9, the DRQ bit is set to 0 as soon as bus ownership
is acquired. Bus ownership is returned to the CPU after one transfer is completed.
Transfer Unit
Bus Width
Access
Address
Accessing Internal Space
Accessing External Space
Read Cycle
Write Cycle
Read Cycle
Write Cycle
8-bit transfer
(BWi bit in the DMDp
register = 0)
16 bits
Even
1
1
1
1
Odd
1
1
1
1
8 bits
Even
−−
11
Odd
−−
11
16-bit transfer
(BWi bit = 1)
16 bits
Even
1
1
1
1
Odd
2
2
2
2
8 bits
Even
−−
22
Odd
−−
22
Internal Space
External Space
Internal RAM
Internal RAM
SFR area
j and k BCLK cycles shown in Table 8.6 (j, k = 2 to 9).
Add one cycle to j or k cycles when inserting a recovery
cycle
with no wait state
j=1
k=1
with wait state
j=2
k=2
j=2
k=2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com