Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 515Page - Renesas Technology Corp H8S2245 Datasheet HTML 516Page - Renesas Technology Corp H8S2245 Datasheet HTML 517Page - Renesas Technology Corp H8S2245 Datasheet HTML 518Page - Renesas Technology Corp H8S2245 Datasheet HTML 519Page - Renesas Technology Corp H8S2245 Datasheet HTML 520Page - Renesas Technology Corp H8S2245 Datasheet HTML 521Page - Renesas Technology Corp H8S2245 Datasheet HTML 522Page - Renesas Technology Corp H8S2245 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 477 of 772
REJ09B0355-0300
13.2
Register Descriptions
Registers added with the Smart Card interface and bits for which the function changes are
described here.
13.2.1
Smart Card Mode Register (SCMR)
Bit
:
76
543210
——
——
SDIR
SINV
—
SMIF
Initial value :
11
110010
R/W
:
——
——
R/W
R/W
—
R/W
SCMR is an 8-bit readable/writable register that selects the Smart Card interface function.
SCMR is initialized to H'F2 by a reset, and in standby mode or module stop mode.
Bits 7 to 4—Reserved: Read-only bits, always read as 1.
Bit 3—Smart Card Data Transfer Direction (SDIR): Selects the serial/parallel conversion
format.
Bit 3
SDIR
Description
0
TDR contents are transmitted LSB-first
(Initial value)
Receive data is stored in RDR LSB-first
1
TDR contents are transmitted MSB-first
Receive data is stored in RDR MSB-first
Bit 2—Smart Card Data Invert (SINV): Specifies inversion of the data logic level. This
function is used together with the SDIR bit for communication with an inverse convention card.
The SINV bit does not affect the logic level of the parity bit. For parity-related setting procedures,
see section 13.3.4, Register Settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com