Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 522 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 518Page - Renesas Technology Corp H8S2245 Datasheet HTML 519Page - Renesas Technology Corp H8S2245 Datasheet HTML 520Page - Renesas Technology Corp H8S2245 Datasheet HTML 521Page - Renesas Technology Corp H8S2245 Datasheet HTML 522Page - Renesas Technology Corp H8S2245 Datasheet HTML 523Page - Renesas Technology Corp H8S2245 Datasheet HTML 524Page - Renesas Technology Corp H8S2245 Datasheet HTML 525Page - Renesas Technology Corp H8S2245 Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 480 of 772
REJ09B0355-0300
13.2.3
Serial Mode Register (SMR)
Bit
:
76
543210
GM
CHR
PE
O/
E
STOP
MP
CKS1
CKS0
Initial value :
00
000000
Set value* :GM
0
1
O/
E
1
0
CKS1
CKS0
R/W
:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note:
*
When the smart card interface is used, be sure to make the 0 or 1 setting shown for bits
6, 5, 3, and 2.
The function of bit 7 of SMR changes in smart card interface mode.
Bit 7—GSM Mode (GM): Sets the smart card interface function to GSM mode.
This bit is cleared to 0 when the normal smart card interface is used. In GSM mode, this bit is set
to 1, the timing of setting of the TEND flag that indicates transmission completion is advanced
and clock output control mode addition is performed. The contents of the clock output control
mode addition are specified by bits 1 and 0 of the serial control register (SCR).
Bit 7
GM
Description
0
Normal smart card interface mode operation
(Initial value)
• TEND flag generation 12.5 etu after beginning of start bit
• Clock output ON/OFF control only
1
GSM mode smart card interface mode operation
• TEND flag generation 11.0 etu after beginning of start bit
• High/low fixing control possible in addition to clock output ON/OFF control (set by
SCR)
Note:
etu: Elementary time unit (time for transfer of 1 bit)
Bits 6 to 0—Operate in the same way as for the normal SCI.
For details, see section 12.2.5, Serial Mode Register (SMR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com