Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 523 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 519Page - Renesas Technology Corp H8S2245 Datasheet HTML 520Page - Renesas Technology Corp H8S2245 Datasheet HTML 521Page - Renesas Technology Corp H8S2245 Datasheet HTML 522Page - Renesas Technology Corp H8S2245 Datasheet HTML 523Page - Renesas Technology Corp H8S2245 Datasheet HTML 524Page - Renesas Technology Corp H8S2245 Datasheet HTML 525Page - Renesas Technology Corp H8S2245 Datasheet HTML 526Page - Renesas Technology Corp H8S2245 Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 481 of 772
REJ09B0355-0300
13.2.4
Serial Control Register (SCR)
Bit
:
76
543210
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
Initial value :
00
000000
R/W
:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
In smart card interface mode, the function of bits 1 and 0 of SCR changes when bit 7 of the serial
mode register (SMR) is set to 1.
Bits 7 to 2—Operate in the same way as for the normal SCI.
For details, see section 12.2.6, Serial Control Register (SCR).
Bits 1 and 0—Clock Enable 1 and 0 (CKE1, CKE0): These bits are used to select the SCI clock
source and enable or disable clock output from the SCK pin.
In smart card interface mode, in addition to the normal switching between clock output enabling
and disabling, the clock output can be specified as to be fixed high or low.
SCMR
SMR
SCR Setting
SMIF
C/
A
AA
A, GM
CKE1
CKE0
SCK Pin Function
0
See the SCI
1
0
0
0
Operates as port I/O pin
1
0
0
1
Outputs clock as SCK output pin
1
1
0
0
Operates as SCK output pin, with output fixed
low
1
1
0
1
Outputs clock as SCK output pin
1
1
1
0
Operates as SCK output pin, with output fixed
high
1
1
1
1
Outputs clock as SCK output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com