Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 516Page - Renesas Technology Corp H8S2245 Datasheet HTML 517Page - Renesas Technology Corp H8S2245 Datasheet HTML 518Page - Renesas Technology Corp H8S2245 Datasheet HTML 519Page - Renesas Technology Corp H8S2245 Datasheet HTML 520Page - Renesas Technology Corp H8S2245 Datasheet HTML 521Page - Renesas Technology Corp H8S2245 Datasheet HTML 522Page - Renesas Technology Corp H8S2245 Datasheet HTML 523Page - Renesas Technology Corp H8S2245 Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 478 of 772
REJ09B0355-0300
Bit 2
SINV
Description
0
TDR contents are transmitted as they are
(Initial value)
Receive data is stored as it is in RDR
1
TDR contents are inverted before being transmitted
Receive data is stored in inverted form in RDR
Bit 1—Reserved: Read-only bit, always read as 1.
Bit 0—Smart Card Interface Mode Select (SMIF): Enables or disables the Smart Card interface
function.
Bit 0
SMIF
Description
0
Smart Card interface function is disabled
(Initial value)
1
Smart Card interface function is enabled
13.2.2
Serial Status Register (SSR)
Bit
:
76
543210
TDRE
RDRF
ORER
ERS
PER
TEND
MPB
MPBT
Initial value :
10
000100
R/W
:
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
RR
R/W
Note:
*
Only 0 can be written to bits 7 to 3, to clear these flags.
Bit 4 of SSR has a different function in Smart Card interface mode. Coupled with this, the setting
conditions for bit 2, TEND, are also different.
Bits 7 to 5—Operate in the same way as for the normal SCI. For details, see section 12.2.7, Serial
Status Register (SSR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com