Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 521 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 521 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 517Page - Renesas Technology Corp H8S2245 Datasheet HTML 518Page - Renesas Technology Corp H8S2245 Datasheet HTML 519Page - Renesas Technology Corp H8S2245 Datasheet HTML 520Page - Renesas Technology Corp H8S2245 Datasheet HTML 521Page - Renesas Technology Corp H8S2245 Datasheet HTML 522Page - Renesas Technology Corp H8S2245 Datasheet HTML 523Page - Renesas Technology Corp H8S2245 Datasheet HTML 524Page - Renesas Technology Corp H8S2245 Datasheet HTML 525Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 479 of 772
REJ09B0355-0300
Bit 4—Error Signal Status (ERS): In Smart Card interface mode, bit 4 indicates the status of the
error signal sent back from the receiving end in transmission. Framing errors are not detected in
Smart Card interface mode.
Bit 4
ERS
Description
0
[Clearing conditions]
(Initial value)
• Upon reset, and in standby mode or module stop mode
• When 0 is written to ERS after reading ERS = 1
1
[Setting condition]
When the low level of the error signal is sampled
Note:
Clearing the TE bit in SCR to 0 does not affect the ERS flag, which retains its previous
state.
Bits 3 to 0—Operate in the same way as for the normal SCI. For details, see section 12.2.7, Serial
Status Register (SSR).
However, the setting conditions for the TEND bit, are as shown below.
Bit 2
TEND
Description
0
[Clearing conditions]
(Initial value)
• When 0 is written to TDRE after reading TDRE = 1
• When the DTC* is activated by a TXI interrupt and write data to TDR
1
[Setting conditions]
• Upon reset, and in standby mode or module stop mode
• When the TE bit in SCR is 0 and the ERS bit is also 0
• When TDRE = 1 and ERS = 0 (normal transmission) 12.5 etu after transmission of
a 1-byte serial character when GM = 0
• When TDRE = 1 and ERS = 0 (normal transmission) 11.0 etu after transmission of
a 1-byte serial character when GM = 1
Notes: etu: Elementary Time Unit (time for transfer of 1 bit)
*
DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com