Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 29Page - Renesas Technology Corp M32C/86 Datasheet HTML 30Page - Renesas Technology Corp M32C/86 Datasheet HTML 31Page - Renesas Technology Corp M32C/86 Datasheet HTML 32Page - Renesas Technology Corp M32C/86 Datasheet HTML 33Page - Renesas Technology Corp M32C/86 Datasheet HTML 34Page - Renesas Technology Corp M32C/86 Datasheet HTML 35Page - Renesas Technology Corp M32C/86 Datasheet HTML 36Page - Renesas Technology Corp M32C/86 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 505 page
background image
Page 10
1. Overview
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
XIN
XOUT
XCIN
XCOUT
BCLK
CLKOUT
________
________
INT0 to INT2
________
________
INT3 to INT5
_______
NMI
_____
_____
KI0 to KI3
TA0OUT to
TA4OUT
TA0IN to
TA4IN
TB0IN to
TB5IN
___
___
U, U, V, V,
___
W, W
_________
________
CTS0 to CTS4
_________
_________
RTS0 to RTS4
CLK0 to CLK4
RxD0 to RxD4
TxD0 to TxD4
SDA0 to
SDA4
SCL0 to
SCL4
STxD0 to
STxD4
SRxD0 to
SRxD4
_______
_______
SS0 to SS4
Main Clock Input
Main Clock Output
Sub Clock Input
Sub Clock Output
BCLK Output(1)
Clock Output
______
INT Interrupt
Input
_______
NMI Interrupt Input
Key Input Interrupt
Timer A
Timer B
Three-phase Motor
Control Timer Output
Serial I/O
I2C Mode
Serial I/O
Special Function
I
O
I
O
O
O
I
I
I
I/O
I
I
O
I
O
I/O
I
O
I/O
O
I
I
I/O pins for the main clock oscillation circuit. Connect a ceramic resonator
or crystal oscillator between XIN and XOUT. To apply external clock, apply it
to XIN and leave XOUT open
I/O pins for the sub clock oscillation circuit. Connect a crystal oscillator
between XCIN and XCOUT. To apply external clock, apply it to XCIN and
leave XCOUT open
Outputs BCLK signal
Outputs the clock having the same frequency as fC, f8 or f32
______
Input pins for the INT interrupt
_______
Input pin for the NMI interrupt
Input pins for the key input interrupt
I/O pins for the timer A0 to A4
(TA0OUT is a pin for the N-channel open drain output.)
Input pins for the timer A0 to A4
Input pins for the timer B0 to B5
Output pins for the three-phase motor control timer
Input pins for data transmission control
Output pins for data reception control
Inputs and outputs the transfer clock
Inputs serial data
Outputs serial data
(TxD2 is a pin for the N-channel open drain output.)
Inputs and outputs serial data
(SDA2 is a pin for the N-channel open drain output.)
Inputs and outputs the transfer clock
(SCL2 is a pin for the N-channel open drain output.)
Outputs serial data when slave mode is selected
(STxD2 is a pin for the N-channel open drain output.)
Inputs serial data when slave mode is selected
Input pins to control serial I/O special function
I : Input
O : Output
I/O : Input and output
NOTES:
1. Bus control pins in M32C/86T cannot be used.
Table 1.4 Pin Description (Continued)
Classsfication
Symbol
I/O Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com