Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 71Page - Renesas Technology Corp M32C/86 Datasheet HTML 72Page - Renesas Technology Corp M32C/86 Datasheet HTML 73Page - Renesas Technology Corp M32C/86 Datasheet HTML 74Page - Renesas Technology Corp M32C/86 Datasheet HTML 75Page - Renesas Technology Corp M32C/86 Datasheet HTML 76Page - Renesas Technology Corp M32C/86 Datasheet HTML 77Page - Renesas Technology Corp M32C/86 Datasheet HTML 78Page - Renesas Technology Corp M32C/86 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 505 page
background image
Page 52
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
7. Processor Mode
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 7.2 PM1 Register
Processor Mode Register 1(1)
After Reset
0016
Address
000516
Symbol
PM1
RW
RW
RW
RW
RW
RW
RW
RW
PM10
PM11
PM12
External Memory Space
Mode Bit(2, 4)
PM13
Internal Memory
Wait Bit
0 : No wait state
1 : Wait state
SFR Area Wait Bit
Reserved Bit
Set to "0"
PM14
PM15
(b7-b6)
ALE Pin Select Bit(2, 4)
0 0 : No ALE
0 1 : P53/BCLK(3)
1 0 : P56
1 1 : P54/HLDA
0 0 : Mode 0 (A20 to A23 for P44 to P47)
0 1 : Mode 1 (A20 for P44,
CS2 to CS0 for P45 to P47)
1 0 : Mode 2 (A20, A21 for P44, P45,
CS1, CS0 for P46, P47)
1 1 : Mode 3
(CS3 to CS0 for P44 to P47)
b1 b0
b5 b4
Bit Name
Function
Bit
Symbol
NOTES:
1. Rewrite the PM1 register after the PRC1 bit in the PRCR register is set to "1" (write enable).
2. The PM15 and PM14 bit setting, PM11 and PM10 bit setting are available in memory expansion
mode or microprocessor mode.
3. Set the CM01 and CM00 bits in the CM0 register to "002" (I/O port P53) when the PM15 and PM14
bits are set to "012" (P53/BCLK select).
4. M32C/86T cannot be used in memory expansion mode and microprocessor mode.
0 : 1 wait state
1 : 2 Wait states
b7
b6
b5
b4
b3
b2
b1
b0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com