Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 36Page - Renesas Technology Corp M32C/86 Datasheet HTML 37Page - Renesas Technology Corp M32C/86 Datasheet HTML 38Page - Renesas Technology Corp M32C/86 Datasheet HTML 39Page - Renesas Technology Corp M32C/86 Datasheet HTML 40Page - Renesas Technology Corp M32C/86 Datasheet HTML 41Page - Renesas Technology Corp M32C/86 Datasheet HTML 42Page - Renesas Technology Corp M32C/86 Datasheet HTML 43Page - Renesas Technology Corp M32C/86 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 505 page
background image
Page 17
4. Special Function Registers (SFR)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
000016
000116
000216
000316
1000 00002(CNVss pin ="L")
000416
Processor Mode Register(1)
PM0
0000 00112(CNVss pin ="H")
000516
Processor Mode Register 1
PM1
0016
000616
System Clock Control Register 0
CM0
0000 10002
000716
System Clock Control Register 1
CM1
0010 00002
000816
000916
Address Match Interrupt Enable Register
AIER
0016
000A16
Protect Register
PRCR
XXXX 00002
XXXX 10002(BYTE pin ="L")
000B16
External Data Bus Width Control Register(2)
DS
XXXX 00002(BYTE pin ="H")
000C16
Main Clock Division Register
MCD
XXX0 10002
000D16
Oscillation Stop Detection Register
CM2
0016
000E16
Watchdog Timer Start Register
WDTS
XX16
000F16
Watchdog Timer Control Register
WDC
000X XXXX2
001016
001116
Address Match Interrupt Register 0
RMAD0
00000016
001216
001316
Processor Mode Register 2
PM2
0016
001416
001516
Address Match Interrupt Register 1
RMAD1
00000016
001616
001716
Voltage Detection Register 2(2)
VCR2
0016
001816
001916
Address Match Interrupt Register 2
RMAD2
00000016
001A16
001B16
Voltage Detection Register 1(2)
VCR1
0000 10002
001C16
001D16
Address Match Interrupt Register 3
RMAD3
00000016
001E16
001F16
002016
002116
002216
002316
002416
002516
002616
PLL Control Register 0
PLC0
0001 X0102
002716
PLL Control Register 1
PLC1
000X 00002
002816
002916
Address Match Interrupt Register 4
RMAD4
00000016
002A16
002B16
002C16
002D16
Address Match Interrupt Register 5
RMAD5
00000016
002E16
002F16
Low Voltage Detection Interrupt Register(2)
D4INT
0016
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. The PM01 and PM00 bits in the PM0 register maintain values set before reset, even after software reset or watch-
dog timer reset has been performed.
2. These registers in M32C/86T cannot be used.
4. Special Function Registers (SFR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com