Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 87Page - Renesas Technology Corp M32C/86 Datasheet HTML 88Page - Renesas Technology Corp M32C/86 Datasheet HTML 89Page - Renesas Technology Corp M32C/86 Datasheet HTML 90Page - Renesas Technology Corp M32C/86 Datasheet HTML 91Page - Renesas Technology Corp M32C/86 Datasheet HTML 92Page - Renesas Technology Corp M32C/86 Datasheet HTML 93Page - Renesas Technology Corp M32C/86 Datasheet HTML 94Page - Renesas Technology Corp M32C/86 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 505 page
background image
Page 68
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
8. Bus
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
8.2.5 ALE Signal
The ALE signal latches an address of the multiplexed bus. Latch an address on the falling edge of the
ALE signal. The PM15 and PM14 bits in the PM1 register determine the output pin for the ALE signal.
The ALE signal is output to internal space and external space.
Figure 8.10 ALE Signal and Address/Data Bus
_______
8.2.6 RDY Signal
_______
The RDY signal facilitates access to external devices requiring longer access time. When a low-level ("L")
________
signal is applied to the RDY pin on the falling edge of the last BCLK of the bus cycle, wait states are
________
inserted into the bus cycle. When a high-level ("H") signal is applied to the RDY pin on the falling edge of
BCLK, the bus cycle starts running again.
________
Table 8.6 lists microcomputer states when the RDY signal inserts wait states into the bus cycle. Figure
_____
________
8.11 shows an example of the RD signal that is extended by the RDY signal.
Table 8.6 Microcomputer States in Wait State(1)
(1) 8-Bit Data Bus
(2) 16-Bit Data Bus
ALE
Address
Data
Address
D0/A0 to D7/A7
A8 to A15
ALE
Address
Data
Address
D0/A0 to D15/A15
A16 to A19
NOTES:
1. D0/A0 to D7/A7 are placed in high-impedance states when read.
2. When the multiplexed bus is selected for all CS areas, the address bus becomes an I/O port.
Address
Address or CS
Address or CS
A16 to A19
(1)
(1)
(2)
(2)
A20/CS3
A21/CS2
A22/CS1
A23/CS0
A20/CS3
A21/CS2
A22/CS1
A23/CS0
NOTES:
________
1. The RDY signal cannot be accepted immediately before software wait states are inserted.
m
e
t
Ie
t
a
t
S
n
o
i
t
a
ll
i
c
s
On
O
,
s
u
B
a
t
a
D
,
s
u
B
s
s
e
r
d
d
A
,
l
a
n
g
i
S
R
W
,
l
a
n
g
i
S
D
R
s
t
r
o
P
O
/
I
e
l
b
a
m
m
a
r
g
o
r
P
,
A
D
L
H
,
l
a
n
g
i
S
E
L
A
,
S
C
Y
D
R
n
e
h
w
s
a
e
t
a
t
s
e
m
a
s
e
h
t
s
n
i
a
t
n
i
a
M
d
e
v
i
e
c
e
r
s
a
w
l
a
n
g
i
s
s
t
i
u
c
r
i
C
l
a
r
e
h
p
i
r
e
P
l
a
n
r
e
t
n
In
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com