Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 30Page - Renesas Technology Corp M32C/86 Datasheet HTML 31Page - Renesas Technology Corp M32C/86 Datasheet HTML 32Page - Renesas Technology Corp M32C/86 Datasheet HTML 33Page - Renesas Technology Corp M32C/86 Datasheet HTML 34Page - Renesas Technology Corp M32C/86 Datasheet HTML 35Page - Renesas Technology Corp M32C/86 Datasheet HTML 36Page - Renesas Technology Corp M32C/86 Datasheet HTML 37Page - Renesas Technology Corp M32C/86 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 505 page
background image
Page 11
1. Overview
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
VREF
AN0 to AN7
AN00 to AN07
AN20 to AN27
___________
ADTRG
ANEX0
ANEX1
DA0, DA1
INPC10 to INPC13
INPC14 to INPC17
OUTC10 to OUTC13
OUTC14 to OUTC17
ISCLK0
ISCLK1
ISRxD0
ISRxD1
ISTxD0
ISTxD1
BE1IN
BE1OUT
GASP0 to
GASP3
GASM0 to
GASM3
GACP0 to
GACP3
GACM0 to
GACM3
CAN0IN
CAN1IN
CAN0OUT
CAN1OUT
_______________
CAN1WU
P00 to P07
P10 to P17
P20 to P27
P30 to P37
P40 to P47
P50 to P57
P60 to P67
P70 to P77
P90 to P97
P100 to P107
P80 to P84
P86, P87
P85
Reference
Voltage Input
A/D Converter
D/A Converter
Intelligent I/O
CAN
I/O Ports
Input Port
Applies reference voltage to the A/D converter and D/A converter
Analog input pins for the A/D converter
Input pin for an external A/D trigger
Extended analog input pin for the A/D converter and output pin in external
op-amp connection mode
Extended analog input pin for the A/D converter
Output pin for the D/A converter
Input pins for the time measurement function
Output pins for the waveform generating function
(OUTC16 and OUTC17 assigned to P70 and P71 are pins for the N-channel open drain output.)
Inputs and outputs the clock for the intelligent I/O communication function
Inputs data for the intelligent I/O communication function
Outputs data for the intelligent I/O communication function
Inputs data for the intelligent I/O communication function
Outputs data for the intelligent I/O communication function
Output pins for the stepping motor control function
Input pins for the CAN communication function
Output pins for the CAN communication function
Input pin for the CAN1 wake-up interrupt
I/O ports for CMOS. Each port can be programmed for input or output under
the control of the direction register. An input port can be set, by program, for
a pull-up resistor available or for no pull-up resister available in 4-bit units
I/O ports having equivalent functions to P0
(P70 and P71 are ports for the N-channel open drain output.)
I/O ports having equivalent functions to P0
_______
_______
Shares a pin with NMI. NMI input state can be got by reading P85
I
I
I
I/O
I
O
I
O
I/O
I
O
I
O
O
I
O
I
I/O
I/O
I/O
I
I : Input
O : Output
I/O : Input and output
Table 1.4 Pin Description (Continued)
Classsfication
Symbol
I/O Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com