Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 95Page - Renesas Technology Corp M32C/86 Datasheet HTML 96Page - Renesas Technology Corp M32C/86 Datasheet HTML 97Page - Renesas Technology Corp M32C/86 Datasheet HTML 98Page - Renesas Technology Corp M32C/86 Datasheet HTML 99Page - Renesas Technology Corp M32C/86 Datasheet HTML 100Page - Renesas Technology Corp M32C/86 Datasheet HTML 101Page - Renesas Technology Corp M32C/86 Datasheet HTML 102Page - Renesas Technology Corp M32C/86 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 505 page
background image
Page 76
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 9.5 CM2 Register
CM20
CM21
CM22
CM23
(b7 - b4)
Oscillation Stop Detection Register(1)
CPU Clock
Select Bit 2(3, 4)
Oscillation Stop Detection
Enable Bit(2)
Main Clock Monitor
Flag(6)
Oscillation Stop Detection
Flag(5)
Reserved Bit
0: Main clock oscillates
1: Main clock stops
0: Clock selected by the CM17 bit
1: On-chip oscillator clock
0: Main clock does not stop
1: Detects a main clock stop
0: Disables oscillation stop detect function
1: Enables oscillation stop detect function
Set to "0"
Symbol
Address
After Reset
CM2
000D16
0016
Function
Bit Name
Bit
Symbol
RW
RW
RW
RW
RO
RW
NOTES:
1. Rewrite the CM2 register after the PRC0 bit in the PRCR register is set to "1" (write enable).
2. If the PM21 bit in the PM2 register is set to "1" (clock change disable), the CM20 bit setting does not
change when written.
3. When a main clock oscillation stop is detected while the CM20 bit is set to "1", the CM21 bit is set to "1".
Although the main clock starts oscillating, the CM21 bit is not set to "0". If the main clock is used as a
CPU clock source after the main clock resumes oscillating, set the CM21 bit to "0" by program.
4. When the CM20 bit is set to "1" and the CM22 bit is set to "1", do not set the CM21 bit to "0".
5. When a main clock stop is detected, the CM22 bit is set to "1". The CM22 bit can only be set to "0", not
"1", by program.
If the CM22 bit is set to "0" by program while the main clock stops, the CM22 bit cannot be set to "1"
until the next main clock stop is detected.
6. Determine the main clock state by reading the CM23 bit several times after the oscillation stop
detection interrupt is generated.
b7
b6
b5
b4
b3
b2
b1
b0
0
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com