Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 60Page - Renesas Technology Corp M32C/86 Datasheet HTML 61Page - Renesas Technology Corp M32C/86 Datasheet HTML 62Page - Renesas Technology Corp M32C/86 Datasheet HTML 63Page - Renesas Technology Corp M32C/86 Datasheet HTML 64Page - Renesas Technology Corp M32C/86 Datasheet HTML 65Page - Renesas Technology Corp M32C/86 Datasheet HTML 66Page - Renesas Technology Corp M32C/86 Datasheet HTML 67Page - Renesas Technology Corp M32C/86 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 505 page
background image
Page 41
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
5. Reset
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
5.5 Internal Space
Figure 5.4 shows CPU register states after reset. Refer to 4. SFR for SFR states after reset.
b15
b0
b23
0016
000016
000016
00000016
00000016
00000016
00000016
00000016
00000016
00000016
Contents of addresses
FFFFFE16 to FFFFFC16
Data Register (R0H/R0L)
Address Register (A0)
Static Base Register (SB)
Frame Base Register (FB)
User Stack Pointer (USP)
Interrupt Stack Pointer (ISP)
Interrupt Table Register (INTB)
Program Counter (PC)
General Registers
b15
b0
Flag Register (FLG)
IPL
U I O B S Z D C
b7
b8
X 0 0 0 X X X X 0 0 0 0 0 0 0 0
b0
0016
0016
0016
Data Register (R2)
Data Register (R3)
Address Register (A1)
Data Register (R1H/R1L)
High-Speed Interrupt Registers
b15
b0
b23
XXXX16
XXXXXX16
XXXXXX16
DMAC-Associated Registers
b7
b0
b23
0016
b15
Flag Save Register (SVF)
PC Save Register (SVP)
Vector Register (VCT)
DMA Mode Register (DMD0)
DMA Transfer Count Register (DCT0)
DMA Transfer Count Reload Register (DRC0)
DMA Memory Address Register (DMA0)
DMA SFR Address Register (DSA0)
DMA Memory Address Reload Register (DRA0)
DMA Mode Register (DMD1)
DMA Transfer Count Register (DCT1)
DMA Transfer Count Reload Register (DRC1)
DMA Memory Address Register (DMA1)
DMA SFR Address Register (DSA1)
DMA Memory Address Reload Register (DRA1)
0016
XXXX16
XXXX16
XXXX16
XXXX16
XXXXXX16
XXXXXX16
XXXXXX16
XXXXXX16
XXXXXX16
XXXXXX16
0 : "0" after reset
X : Indeterminate after reset
Figure 5.4 CPU Register States after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com