Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 38Page - Renesas Technology Corp M32C/86 Datasheet HTML 39Page - Renesas Technology Corp M32C/86 Datasheet HTML 40Page - Renesas Technology Corp M32C/86 Datasheet HTML 41Page - Renesas Technology Corp M32C/86 Datasheet HTML 42Page - Renesas Technology Corp M32C/86 Datasheet HTML 43Page - Renesas Technology Corp M32C/86 Datasheet HTML 44Page - Renesas Technology Corp M32C/86 Datasheet HTML 45Page - Renesas Technology Corp M32C/86 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 505 page
background image
Page 19
4. Special Function Registers (SFR)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
006016
006116
006216
006316
006416
006516
006616
006716
006816
DMA0 Interrupt Control Register
DM0IC
XXXX X0002
006916
Timer B5 Interrupt Control Register
TB5IC
XXXX X0002
006A16
DMA2 Interrupt Control Register
DM2IC
XXXX X0002
006B16
UART2 Receive /ACK Interrupt Control Register
S2RIC
XXXX X0002
006C16
Timer A0 Interrupt Control Register
TA0IC
XXXX X0002
006D16
UART3 Receive /ACK Interrupt Control Register
S3RIC
XXXX X0002
006E16
Timer A2 Interrupt Control Register
TA2IC
XXXX X0002
006F16
UART4 Receive /ACK Interrupt Control Register
S4RIC
XXXX X0002
007016
Timer A4 Interrupt Control Register
TA4IC
XXXX X0002
007116
UART0/UART3 Bus Conflict Detect Interrupt Control Register
BCN0IC/BCN3IC
XXXX X0002
007216
UART0 Receive/ACK Interrupt Control Register
S0RIC
XXXX X0002
007316
A/D0 Conversion Interrupt Control Register
AD0IC
XXXX X0002
007416
UART1 Receive/ACK Interrupt Control Register
S1RIC
XXXX X0002
Intelligent I/O Interrupt Control Register 0/
IIO0IC/
007516
XXXX X0002
CAN Interrupt 3 Control Register
CAN3IC
007616
Timer B1 Interrupt Control Register
TB1IC
XXXX X0002
007716
Intelligent I/O Interrupt Control Register 2
IIO2IC
XXXX X0002
007816
Timer B3 Interrupt Control Register
TB3IC
XXXX X0002
007916
Intelligent I/O Interrupt Control Register 4
IIO4IC
XXXX X0002
007A16
INT5 Interrupt Control Register
INT5IC
XX00 X0002
007B16
007C16
INT3 Interrupt Control Register
INT3IC
XX00 X0002
007D16
Intelligent I/O Interrupt Control Register 8
IIO8IC
XXXX X0002
007E16
INT1 Interrupt Control Register
INT1IC
XX00 X0002
Intelligent I/O Interrupt Control Register 10/
IIO10IC/
007F16
XXXX X0002
CAN Interrupt 1 Control Register
CAN1IC
008016
008116
CAN Interrupt 2 Control Register
CAN2IC
XXXX X0002
008216
008316
008416
008516
008616
008716
008816
DMA1 Interrupt Control Register
DM1IC
XXXX X0002
008916
UART2 Transmit /NACK Interrupt Control Register
S2TIC
XXXX X0002
008A16
DMA3 Interrupt Control Register
DM3IC
XXXX X0002
008B16
UART3 Transmit /NACK Interrupt Control Register
S3TIC
XXXX X0002
008C16
Timer A1 Interrupt Control Register
TA1IC
XXXX X0002
008D16
UART4 Transmit /NACK Interrupt Control Register
S4TIC
XXXX X0002
008E16
Timer A3 Interrupt Control Register
TA3IC
XXXX X0002
008F16
UART2 Bus Conflict Detect Interrupt Control Register
BCN2IC
XXXX X0002
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com