Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 6Page - Renesas Technology Corp M32C/86 Datasheet HTML 7Page - Renesas Technology Corp M32C/86 Datasheet HTML 8Page - Renesas Technology Corp M32C/86 Datasheet HTML 9Page - Renesas Technology Corp M32C/86 Datasheet HTML 10Page - Renesas Technology Corp M32C/86 Datasheet HTML 11Page - Renesas Technology Corp M32C/86 Datasheet HTML 12Page - Renesas Technology Corp M32C/86 Datasheet HTML 13Page - Renesas Technology Corp M32C/86 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 505 page
background image
A-6
18.2 Functions .............................................................................................................. 250
18.2.1 Resolution Select Function .......................................................................... 250
18.2.2 Sample and Hold Function ........................................................................... 250
18.2.3 Trigger Select Function ................................................................................ 250
18.2.4 DMAC Operating Mode ................................................................................. 250
18.2.5 Extended Analog Input Pins ........................................................................ 251
18.2.6 External Operating Amplifier (Op-Amp) Connection Mode....................... 251
18.2.7 Power Consumption Reducing Function ................................................... 252
18.2.8 Output Impedance of Sensor Equivalent Circuit under A/D Conversion ... 252
19. D/A Converter ______________________________ 254
20. CRC Calculation ____________________________ 257
21. X/Y Conversion _____________________________ 259
22. Intelligent I/O_______________________________ 262
22.1 Base Timer ............................................................................................................ 271
22.2 Time Measurement Function............................................................................... 276
22.3 Waveform Generating Function .......................................................................... 281
22.3.1 Single-Phase Waveform Output Mode ........................................................ 282
22.3.2 Phase-Delayed Waveform Output Mode ..................................................... 284
22.3.3 Set/Reset Waveform Output (SR Waveform Output) Mode ....................... 286
22.4 Communication Unit 0 and 1 Communication Function .................................. 289
22.4.1 Clock Synchronous Serial I/O Mode (Communication Units 0 and 1) ..... 299
22.4.2 Clock Asynchronous Serial I/O (UART) Mode (Communication Unit 1) .. 303
22.4.3 HDLC Data Processing Mode (Communication Units 0 and 1) ................ 306
22.5 Stepping Motor Control Function ....................................................................... 309
23. CAN Module _______________________________ 314
23.1 CAN-Associated Registers .................................................................................. 318
23.1.1 CANi Control Register 0 (CiCTLR0 Register) (i=0, 1) ................................ 318
23.1.2 CANi Control Register 1 (CiCTLR1 Register) (i=0, 1) ................................ 321
23.1.3 CANi Sleep Control Register (CiSLPR Register) (i=0, 1) ........................... 322
23.1.4 CANi Status Register (CiSTR Register) (i=0, 1) .......................................... 323
23.1.5 CANi Extended ID Register (CiIDR Register) (i=0, 1) ................................. 326
23.1.6 CANi Configuration Register (CiCONR Register) (i=0, 1) .......................... 327
23.1.7 CANi Baud Rate Prescaler (CiBRP Register) (i=0, 1) ................................. 329
23.1.8 CANi Time Stamp Register (CiTSR Register) (i=0, 1) ................................ 330
23.1.9 CANi Transmit Error Count Register (CiTEC Register) (i=0, 1) ................ 331
23.1.10 CANi Receive Error Count Register (CiREC Register) (i=0, 1) ............... 331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com