Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 55Page - Renesas Technology Corp M32C/86 Datasheet HTML 56Page - Renesas Technology Corp M32C/86 Datasheet HTML 57Page - Renesas Technology Corp M32C/86 Datasheet HTML 58Page - Renesas Technology Corp M32C/86 Datasheet HTML 59Page - Renesas Technology Corp M32C/86 Datasheet HTML 60Page - Renesas Technology Corp M32C/86 Datasheet HTML 61Page - Renesas Technology Corp M32C/86 Datasheet HTML 62Page - Renesas Technology Corp M32C/86 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 505 page
background image
Page 36
4. Special Function Registers (SFR)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
03D016
Port P14 Register
P14
XX16
03D116
Port P15 Register
P15
XX16
03D216
Port P14 Direction Register
PD14
X000 00002
03D316
Port P15 Direction Register
PD15
0016
03D416
03D516
03D616
03D716
03D816
03D916
03DA16
Pull-Up Control Register 2
PUR2
0016
03DB16
Pull-Up Control Register 3
PUR3
0016
03DC16
Pull-Up Control Register 4
PUR4
XXXX 00002
03DD16
03DE16
Output Port Switch Register
OPS
0016
03DF16
03E016
Port P0 Register
P0
XX16
03E116
Port P1 Register
P1
XX16
03E216
Port P0 Direction Register
PD0
0016
03E316
Port P1 Direction Register
PD1
0016
03E416
Port P2 Register
P2
XX16
03E516
Port P3 Register
P3
XX16
03E616
Port P2 Direction Register
PD2
0016
03E716
Port P3 Direction Register
PD3
0016
03E816
Port P4 Register
P4
XX16
03E916
Port P5 Register
P5
XX16
03EA16
Port P4 Direction Register
PD4
0016
03EB16
Port P5 Direction Register
PD5
0016
03EC16
03ED16
03EE16
03EF16
03F016
Pull-Up Control Register 0
PUR0
0016
03F116
Pull-Up Control Register 1
PUR1
XXXX 00002
03F216
03F316
03F416
03F516
03F616
03F716
03F816
03F916
03FA16
03FB16
03FC16
03FD16
03FE16
03FF16
Port Control Register
PCR
XXXX XXX02
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com