Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 21Page - Renesas Technology Corp M32C/86 Datasheet HTML 22Page - Renesas Technology Corp M32C/86 Datasheet HTML 23Page - Renesas Technology Corp M32C/86 Datasheet HTML 24Page - Renesas Technology Corp M32C/86 Datasheet HTML 25Page - Renesas Technology Corp M32C/86 Datasheet HTML 26Page - Renesas Technology Corp M32C/86 Datasheet HTML 27Page - Renesas Technology Corp M32C/86 Datasheet HTML 28Page - Renesas Technology Corp M32C/86 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 505 page
background image
Page 2
1. Overview
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
1.2 Performance Overview
Table 1.1 lists performance overview of the M32C/86 group (M32C/86, M32C/86T).
Table 1.1 M32C/86 Group (M32C/86, M32C/86T) Performance
Characteristic
Performance
M32C/86
M32C/86T
CPU
Basic Instructions
108 instructions
Minimum Instruction Execution Time 31.3 ns (f(BCLK)=32 MHz, VCC=4.2 V to 5.5 V)
Operating Mode
Single-chip mode, Memory expansion Single-chip mode
mode and Microprocessor mode
Address Space
16 Mbytes
Memory Capacity
See Table 1.2
Peripheral I/O Port
123 I/O pins and 1 input pin
Function Multifunction Timer
Timer A: 16 bits x 5 channels, Timer B: 16 bits x 6 channels
Three-phase motor control circuit
Intelligent I/O
Time measurement function or Waveform generating function:
16 bits x 8 channels
Communication function (Clock synchronous serial I/O, Clock asyn-
chronous serial I/O, HDLC data processing)
Stepping Motor Control Function
Serial I/O
5 Channels
Clock synchronous serial I/O, Clock asynchronous serial I/O,
IEBus(1), I2C bus(2)
CAN Module
2 channels
Supporting CAN 2.0B specification
A/D Converter
10-bit A/D converter: 1 circuit, 34 channels
D/A Converter
8 bits x 2 channels
DMAC
4 channels
DMAC II
Can be activated by all peripheral function interrupt sources
Immediate transfer, Calculation transfer and Chain transfer functions
CRC Calculation Circuit
CRC-CCITT
X/Y Converter
16 bits x 16 bits
Watchdog Timer
15 bits x 1 channel (with prescaler)
Interrupt
39 internal and 8 external sources, 5 software sources
Interrupt priority level: 7
Clock Generation Circuit
4 circuits
Main clock oscillation circuit(*), Sub clock oscillation circuit(*), On-chip
oscillator, PLL frequency synthesizer
(*)Equipped with a built-in feedback resistor. Ceramic resonator or
crystal oscillator must be connected externally
Oscillation Stop Detect Function
Main clock oscillation stop detect function
Voltage Detection Circuit
Available (optional)
Not available(3)
Electrical Supply Voltage
VCC=4.2 V to 5.5 V (f(BCLK)=32 MHz)
Charact- Power Consumption
28 mA (VCC=5 V, f(BCLK)=32 MHz)
eristics
10
µA (VCC=5 V, f(BCLK)=32 kHz, in wait mode)
Flash
Program/Erase Supply Voltage
5.0 V
± 0.5 V
Memory Program and Erase Endurance
100 times (all space)
Operating Ambient Temperature
–20 to 85oC
–40 to 85oC (T version)
–40 to 85oC (optional)
Package
144-pin plastic molded LQFP
NOTES:
1. IEBus is a trademark of NEC Electronics Corporation.
2. I2C bus is a trademark of Koninklijke Philips Electronics N. V.
3. The cold start-up/warm start-up determine function is available only at the user's option.
All options are on a request basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com