Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 86Page - Renesas Technology Corp M32C/86 Datasheet HTML 87Page - Renesas Technology Corp M32C/86 Datasheet HTML 88Page - Renesas Technology Corp M32C/86 Datasheet HTML 89Page - Renesas Technology Corp M32C/86 Datasheet HTML 90Page - Renesas Technology Corp M32C/86 Datasheet HTML 91Page - Renesas Technology Corp M32C/86 Datasheet HTML 92Page - Renesas Technology Corp M32C/86 Datasheet HTML 93Page - Renesas Technology Corp M32C/86 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 505 page
background image
Page 67
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
8. Bus
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
8.2.4.1 Bus Cycle with Recovery Cycle Added
The EWCRi06 bit in the EWCRi register (i=0 to 3) determines whether the recovery cycle is added or not.
In the recovery cycle, addresses and wrie data outputs are provided continuously (using the separate bus
only). Devices, which take longer address hold time and data hold time to write data, are connectable.
Figure 8.9 Recovery Cycle
LA
LA
WD
RD
A
RD
WD
A : Address
LA : Latch Address
RD : Read Data
WD : Write Data
• Recovery Cycle with Separate Bus (For 1
φ + 2φ)
BCLK
Address
CSi (1)
Data (Read)
RD
Data (Write)
WR, WRL, WRH
Recovery Cycle
<--- Hold an Address
<--- Hold Data
• Recovery Cycle with Multiplexed Bus (For 2
φ + 3φ)
Recovery Cycle
<--- Hold Data
i=0 to 3
NOTES:
1. When the microcomputer continuously accesses the same CS area,
the CSi pin provides an "L" signal continuously.
BCLK
CSi (1)
Data (Read)
RD
Data (Write)
WR (WRL)
ALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com