Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 63Page - Renesas Technology Corp M32C/86 Datasheet HTML 64Page - Renesas Technology Corp M32C/86 Datasheet HTML 65Page - Renesas Technology Corp M32C/86 Datasheet HTML 66Page - Renesas Technology Corp M32C/86 Datasheet HTML 67Page - Renesas Technology Corp M32C/86 Datasheet HTML 68Page - Renesas Technology Corp M32C/86 Datasheet HTML 69Page - Renesas Technology Corp M32C/86 Datasheet HTML 70Page - Renesas Technology Corp M32C/86 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 505 page
background image
Page 44
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
6. Voltage Detection Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
NOTES:
1. The VC13 bit setting is enabled when the VC27 bit in the VCR2 register is set to "1" (low voltage
detection circuit enabled). The VC13 bit is set to "1" when the VC27 bit is set to "0" (low voltage
detection circuit disabled).
2. The VCR1 register in M32C/86T cannot be used.
Symbol
Address
After Reset
VCR1
001B16
0000 10002
Voltage Detection Register 1(2)
RW
RW
RO
RW
VC13
(b2 - b0)
(b7 - b4)
Low Voltage
Monitor Flag(1)
Set to "0"
Reserved Bit
Set to "0"
Reserved Bit
0 : VCC < Vdet4
1 : VCC
≥ Vdet4
Bit Name
Function
Bit
Symbol
b7
b6
b5
b4
b3
b2
b1
b0
000
00 0
0
NOTES:
1. Set the VCR2 register after the PRC3 bit in the PRCR register is set to "1" (write enable).
2. To use the brown-out detection reset (hardware reset 2), set the VC26 bit to "1".
3. Set the VC27 bit to "1" to set the VC13 bit in the VCR1 register and the D42 bit in the D4INT register,
or to set the D40 bit to "1" (low voltage detect interrupt enabled).
4. The reset level detection circuit and low voltage detection circuit start operating td(E-A) ms after the
VC26 or VC27 bit is set to "1".
5. The VCR2 register in M32C/86T cannot be used.
6. The VC26 bit setting is disabled when the microcomputer is in stop mode. Its setting is not reset even
if the voltage applied to the VCC pin drops below Vdet3.
Symbol
Address
After Reset
VCR2
001716
0016(2)
Voltage Detection Register 2(1, 5)
RW
RW
RW
RW
(b5 - b0)
VC26
Set to "0"
VC27
Low Voltage
Monitor Bit(3, 4)
Reset Level
Monitor Bit(2, 4, 6)
Reserved Bit
0 : Disables reset level detection circuit
1 : Enables reset level detection circuit
0 : Disables low voltage detection
circuit
1 : Enables low voltage detection
circuit
Bit Name
Function
Bit
Symbol
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
0
0
0
Figure 6.3 VCR1 and VCR2 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com