Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 94Page - Renesas Technology Corp M32C/86 Datasheet HTML 95Page - Renesas Technology Corp M32C/86 Datasheet HTML 96Page - Renesas Technology Corp M32C/86 Datasheet HTML 97Page - Renesas Technology Corp M32C/86 Datasheet HTML 98Page - Renesas Technology Corp M32C/86 Datasheet HTML 99Page - Renesas Technology Corp M32C/86 Datasheet HTML 100Page - Renesas Technology Corp M32C/86 Datasheet HTML 101Page - Renesas Technology Corp M32C/86 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 505 page
background image
Page 75
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 9.4 MCD Register
MCD0
MCD1
MCD2
MCD3
MCD4
(b7 - b5)
Main Clock Division Register(1)
Main Clock Division
Select Bit(2, 4)
1 0 0 1 0 : Divide-by-1(no division)
mode
0 0 0 1 0 : Divide-by-2 mode
0 0 0 1 1 : Divide-by-3 mode
0 0 1 0 0 : Divide-by-4 mode
0 0 1 1 0 : Divide-by-6 mode
0 1 0 0 0 : Divide-by-8 mode
0 1 0 1 0 : Divide-by-10 mode
0 1 1 0 0 : Divide-by-12 mode
0 1 1 1 0 : Divide-by-14 mode
0 0 0 0 0 : Divide-by-16 mode
Symbol
Address
After Reset
MCD
000C16
XXX0 10002
Function
Bit Name
Bit
Symbol
RW
RW
RW
RW
RW
RO
RW
NOTES:
1. Rewrite the MCD register after the PRC0 bit in the PRCR register is set to "1" (write enable).
2. When the microcomputer enters stop mode or low-power consumption mode, the MCD4 to MCD0 bits
are set to "010002".
The MCD4 to MCD0 bits are not set to "010002" even if the CM05 bit in the CM0 register is set to "1"
(XIN-XOUT stopped) in on-chip oscillator mode.
3. Bit combinations cannot be set not listed above.
4. Access CAN-associated register addresses after setting the MCD4 to MCD0 bits are set to "100102",
when the PM24 bit in the PM2 register is set to "0" (clock selected by the CM07 bit).
(Note 3)
b4 b3 b2 b1 b0
Reserved Bit
When read,
its content is indeterminate
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com