Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 25Page - Renesas Technology Corp M32C/86 Datasheet HTML 26Page - Renesas Technology Corp M32C/86 Datasheet HTML 27Page - Renesas Technology Corp M32C/86 Datasheet HTML 28Page - Renesas Technology Corp M32C/86 Datasheet HTML 29Page - Renesas Technology Corp M32C/86 Datasheet HTML 30Page - Renesas Technology Corp M32C/86 Datasheet HTML 31Page - Renesas Technology Corp M32C/86 Datasheet HTML 32Page - Renesas Technology Corp M32C/86 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 505 page
background image
Page 6
1. Overview
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
BYTE
CNVSS
XCIN
XCOUT
RESET
XOUT
VSS
XIN
VCC
VCC
VSS
P96
P95
P94
P93
P92
P91
P90
P146
P145
P144
P143
P142
P141
P140
P87
P86
P85
P84
P83
P82
P81
P80
P77
P76
P75
P74
P73
P72
P71
P70
P67
P66
P65
P64
P63
P62
P61
P60
P137
NMI
INT2
INT1
INT0
TB4IN
TB3IN
TB2IN
TB1IN
TB0IN
TA4IN/U
TA4OUT/U
TA3IN
TA3OUT
TA2IN/W
TA2OUT/W
TA1IN/V
TA1OUT/V
TB5IN/TA0IN
TA0OUT
TxD4/SDA4/SRxD4/CAN1OUT
CLK4/CAN1IN/CAN1WU
CTS4/RTS4/SS4
CTS3/RTS3/SS3
TxD3/SDA3/SRxD3
RxD3/SCL3/STxD3
CLK3
CAN0IN/CAN1IN
CAN0OUT/CAN1OUT
CAN0IN
CAN0OUT
CTS2/RTS2/SS2
CLK2
RxD2/SCL2/STxD2
TxD2/SDA2/SRxD2
TxD1/SDA1/SRxD1
RxD1/SCL1/STxD1
CLK1
CTS1/RTS1/SS1
TxD0/SDA0/SRxD0
RxD0/SCL0/STxD0
CLK0
CTS0/RTS0/SS0
INPC17/OUTC17
INPC16/OUTC16
INPC15/OUTC15
INPC14/OUTC14
INPC15/OUTC15
ISRxD0
INPC14/OUTC14/ISCLK0
INPC13/OUTC13/ISTxD0
INPC12/OUTC12/ISRxD1/BE1IN
INPC11/OUTC11/ISCLK1
INPC10/OUTC10/ISTxD1/BE1OUT
INPC17/OUTC17
INPC16/OUTC16
GACM3
ANEX1
ANEX0
DA1
DA0
Intelligent I/O Pin
Bus Control Pin(1)
Analog Pin
Interrupt
Pin
Pin
No.
Control
Pin
Port
Timer Pin
UART/CAN Pin
NOTES:
1. Bus control pins in M32C/86T cannot be used.
Table 1.3 Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com