Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 14Page - Renesas Technology Corp M32C/86 Datasheet HTML 15Page - Renesas Technology Corp M32C/86 Datasheet HTML 16Page - Renesas Technology Corp M32C/86 Datasheet HTML 17Page - Renesas Technology Corp M32C/86 Datasheet HTML 18Page - Renesas Technology Corp M32C/86 Datasheet HTML 19Page - Renesas Technology Corp M32C/86 Datasheet HTML 20Page - Renesas Technology Corp M32C/86 Datasheet HTML 21Page - Renesas Technology Corp M32C/86 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 505 page
background image
Quick Reference by Address
B-5
Address
Register
Page
01E016 CAN0 Message Slot Buffer 0 Standard ID0 (C0SLOT0_0)
354
01E116 CAN0 Message Slot Buffer 0 Standard ID1 (C0SLOT0_1)
01E216 CAN0 Message Slot Buffer 0 Extended ID0 (C0SLOT0_2)
355
01E316 CAN0 Message Slot Buffer 0 Extended ID1 (C0SLOT0_3)
01E416 CAN0 Message Slot Buffer 0 Extended ID2 (C0SLOT0_4)
356
01E516 CAN0 Message Slot Buffer 0 Data Length Code (C0SLOT0_5)
01E616 CAN0 Message Slot Buffer 0 Data 0 (C0SLOT0_6)
01E716 CAN0 Message Slot Buffer 0 Data 1 (C0SLOT0_7)
01E816 CAN0 Message Slot Buffer 0 Data 2 (C0SLOT0_8)
01E916 CAN0 Message Slot Buffer 0 Data 3 (C0SLOT0_9)
01EA16 CAN0 Message Slot Buffer 0 Data 4 (C0SLOT0_10)
357
01EB16 CAN0 Message Slot Buffer 0 Data 5 (C0SLOT0_11)
01EC16 CAN0 Message Slot Buffer 0 Data 6 (C0SLOT0_12)
01ED16 CAN0 Message Slot Buffer 0 Data 7 (C0SLOT0_13)
01EE16 CAN0 Message Slot Buffer 0 Time Stamp High-Order (C0SLOT0_14)
01EF16 CAN0 Message Slot Buffer 0 Time Stamp Low-Order (C0SLOT0_15)
01F016 CAN0 Message Slot Buffer 1 Standard ID0 (C0SLOT1_0)
354
01F116 CAN0 Message Slot Buffer 1 Standard ID1 (C0SLOT1_1)
01F216 CAN0 Message Slot Buffer 1 Extended ID0 (C0SLOT1_2)
355
01F316 CAN0 Message Slot Buffer 1 Extended ID1 (C0SLOT1_3)
01F416 CAN0 Message Slot Buffer 1 Extended ID2 (C0SLOT1_4)
356
01F516 CAN0 Message Slot Buffer 1 Data Length Code (C0SLOT1_5)
01F616 CAN0 Message Slot Buffer 1 Data 0 (C0SLOT1_6)
01F716 CAN0 Message Slot Buffer 1 Data 1 (C0SLOT1_7)
01F816 CAN0 Message Slot Buffer 1 Data 2 (C0SLOT1_8)
01F916 CAN0 Message Slot Buffer 1 Data 3 (C0SLOT1_9)
01FA16 CAN0 Message Slot Buffer 1 Data 4 (C0SLOT1_10)
357
01FB16 CAN0 Message Slot Buffer 1 Data 5 (C0SLOT1_11)
01FC16 CAN0 Message Slot Buffer 1 Data 6 (C0SLOT1_12)
01FD16 CAN0 Message Slot Buffer 1 Data 7 (C0SLOT1_13)
01FE16 CAN0 Message Slot Buffer 1 Time Stamp High-Order (C0SLOT1_14)
01FF16 CAN0 Message Slot Buffer 1 Time Stamp Low-Order (C0SLOT1_15)
020016
CAN0 Control Register0 (C0CTLR0)
318
020116
020216
CAN0 Status Register (C0STR)
323
020316
020416
CAN0 Extended ID Register (C0IDR)
326
020516
020616
CAN0 Configuration Register (C0CONR)
327
020716
020816
CAN0 Time Stamp Register (C0TSR)
330
020916
020A16 CAN0 Transmit Error Count Register (C0TEC)
331
020B16 CAN0 Receive Error Count Register (C0REC)
020C16
CAN0 Slot Interrupt Status Register (C0SISTR)
332
020D16
020E16
020F16
Address
Register
Page
021016
CAN0 Slot Interrupt Mask Register (C0SIMKR)
334
021116
021216
021316
021416 CAN0 Error Interrupt Mask Register (C0EIMKR)
335
021516 CAN0 Error Interrupt Status Register (C0EISTR)
336
021616 CAN0 Error Cause Register (C0EFR)
337
021716 CAN0 Baud Rate Prescaler (C0BRP)
329
021816
021916 CAN0 Mode Register (C0MDR)
338
021A16
021B16
021C16
021D16
021E16
021F16
022016
CAN0 Single Shot Control Register (C0SSCTLR)
340
022116
022216
022316
022416
CAN0 Single Shot Status Register (C0SSSTR)
341
022516
022616
022716
022816 CAN0 Global Mask Register Standard ID0 (C0GMR0)
342
022916 CAN0 Global Mask Register Standard ID1 (C0GMR1)
343
022A16 CAN0 Global Mask Register Extended ID0 (C0GMR2)
344
022B16 CAN0 Global Mask Register Extended ID1 (C0GMR3)
345
022C16 CAN0 Global Mask Register Extended ID2 (C0GMR4)
356
022D16
022E16
022F16
CAN0 Message Slot 0 Control Register (C0MCTL0)/
349/
023016
CAN0 Local Mask Register A Standard ID0 (C0LMAR0)
342
CAN0 Message Slot 1 Control Register (C0MCTL1)/
349/
023116
CAN0Local Mask Register A Standard ID1 (C0LMAR1)
343
CAN0 Message Slot 2 Control Register (C0MCTL2)/
349/
023216
CAN0 Local Mask Register A Extended ID0 (C0LMAR2)
344
CAN0 Message Slot 3 Control Register (C0MCTL3)/
349/
023316
CAN0 Local Mask Register A Extended ID1 (C0LMAR3)
345
CAN0 Message Slot 4 Control Register (C0MCTL4)/
349/
023416
CAN0 Local Mask Register A Extended ID2 (C0LMAR4)
346
023516 CAN0 Message Slot 5 Control Register (C0MCTL5)
023616 CAN0 Message Sot 6 Control Register (C0MCTL6)
349
023716 CAN0 Message Slot 7 Control Register (C0MCTL7)
CAN0 Message Slot 8 Control register (C0MCTL8)/
349/
023816
CAN0 Local Mask Register B Standard ID0 (C0LMBR0)
342
Blank spaces are reserved . No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com