Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 44Page - Renesas Technology Corp M32C/86 Datasheet HTML 45Page - Renesas Technology Corp M32C/86 Datasheet HTML 46Page - Renesas Technology Corp M32C/86 Datasheet HTML 47Page - Renesas Technology Corp M32C/86 Datasheet HTML 48Page - Renesas Technology Corp M32C/86 Datasheet HTML 49Page - Renesas Technology Corp M32C/86 Datasheet HTML 50Page - Renesas Technology Corp M32C/86 Datasheet HTML 51Page - Renesas Technology Corp M32C/86 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 505 page
background image
Page 25
4. Special Function Registers (SFR)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
01E016
CAN0 Message Slot Buffer 0 Standard ID0
C0SLOT0_0
XX16
01E116
CAN0 Message Slot Buffer 0 Standard ID1
C0SLOT0_1
XX16
01E216
CAN0 Message Slot Buffer 0 Extended ID0
C0SLOT0_2
XX16
01E316
CAN0 Message Slot Buffer 0 Extended ID1
C0SLOT0_3
XX16
01E416
CAN0 Message Slot Buffer 0 Extended ID2
C0SLOT0_4
XX16
01E516
CAN0 Message Slot Buffer 0 Data Length Code
C0SLOT0_5
XX16
01E616
CAN0 Message Slot Buffer 0 Data 0
C0SLOT0_6
XX16
01E716
CAN0 Message Slot Buffer 0 Data 1
C0SLOT0_7
XX16
01E816
CAN0 Message Slot Buffer 0 Data 2
C0SLOT0_8
XX16
01E916
CAN0 Message Slot Buffer 0 Data 3
C0SLOT0_9
XX16
01EA16
CAN0 Message Slot Buffer 0 Data 4
C0SLOT0_10
XX16
01EB16
CAN0 Message Slot Buffer 0 Data 5
C0SLOT0_11
XX16
01EC16
CAN0 Message Slot Buffer 0 Data 6
C0SLOT0_12
XX16
01ED16
CAN0 Message Slot Buffer 0 Data 7
C0SLOT0_13
XX16
01EE16
CAN0 Message Slot Buffer 0 Time Stamp High-Order
C0SLOT0_14
XX16
01EF16
CAN0 Message Slot Buffer 0 Time Stamp Low-Order
C0SLOT0_15
XX16
01F016
CAN0 Message Slot Buffer 1 Standard ID0
C0SLOT1_0
XX16
01F116
CAN0 Message Slot Buffer 1 Standard ID1
C0SLOT1_1
XX16
01F216
CAN0 Message Slot Buffer 1 Extended ID0
C0SLOT1_2
XX16
01F316
CAN0 Message Slot Buffer 1 Extended ID1
C0SLOT1_3
XX16
01F416
CAN0 Message Slot Buffer 1 Extended ID2
C0SLOT1_4
XX16
01F516
CAN0 Message Slot Buffer 1 Data Length Code
C0SLOT1_5
XX16
01F616
CAN0 Message Slot Buffer 1 Data 0
C0SLOT1_6
XX16
01F716
CAN0 Message Slot Buffer 1 Data 1
C0SLOT1_7
XX16
01F816
CAN0 Message Slot Buffer 1 Data 2
C0SLOT1_8
XX16
01F916
CAN0 Message Slot Buffer 1 Data 3
C0SLOT1_9
XX16
01FA16
CAN0 Message Slot Buffer 1 Data 4
C0SLOT1_10
XX16
01FB16
CAN0 Message Slot Buffer 1 Data 5
C0SLOT1_11
XX16
01FC16
CAN0 Message Slot Buffer 1 Data 6
C0SLOT1_12
XX16
01FD16
CAN0 Message Slot Buffer 1 Data 7
C0SLOT1_13
XX16
01FE16
CAN0 Message Slot Buffer 1 Time Stamp High-Order
C0SLOT1_14
XX16
01FF16
CAN0 Message Slot Buffer 1 Time Stamp Low-Order
C0SLOT1_15
XX16
020016
XX01 0X012(1)
CAN0 Control Register 0
C0CTLR0
020116
XXXX 00002(1)
020216
0000 00002(1)
CAN0 Status Register
C0STR
020316
X000 0X012(1)
020416
0016(1)
CAN0 Extended ID Register
C0IDR
020516
0016(1)
020616
0000 XXXX2(1)
CAN0 Configuration Register
C0CONR
020716
0000 00002(1)
020816
0016(1)
CAN0 Time Stamp Register
C0TSR
020916
0016(1)
020A16
CAN0 Transmit Error Count Register
C0TEC
0016(1)
020B16
CAN0 Receive Error Count Register
C0REC
0016(1)
020C16
0016(1)
CAN0 Slot Interrupt Status Register
C0SISTR
020D16
0016(1)
020E16
020F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. Values are obtained by setting the SLEEP bit in the C0SLPR register to "1" (sleep mode exited) after reset and
applying the clock to the CAN module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com