Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 32Page - Renesas Technology Corp M32C/86 Datasheet HTML 33Page - Renesas Technology Corp M32C/86 Datasheet HTML 34Page - Renesas Technology Corp M32C/86 Datasheet HTML 35Page - Renesas Technology Corp M32C/86 Datasheet HTML 36Page - Renesas Technology Corp M32C/86 Datasheet HTML 37Page - Renesas Technology Corp M32C/86 Datasheet HTML 38Page - Renesas Technology Corp M32C/86 Datasheet HTML 39Page - Renesas Technology Corp M32C/86 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 505 page
background image
Page 13
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
2. Central Processing Unit (CPU)
2. Central Processing Unit (CPU)
Figure 2.1 shows the CPU registers.
The register bank is comprised of 8 registers (R0, R1, R2, R3, A0, A1, SB and FB) out of 28 CPU registers.
Two sets of register banks are provided.
Figure 2.1 CPU Register
b23
R0H
R0L
R1H
R1L
R2
R3
b31
R2
R3
A0
A1
SB
FB
USP
ISP
INTB
PC
High-Speed Interrupt Register
b15
b0
b23
SVF
SVP
VCT
DMAC-Associated Register
b7
b0
b23
DMD0
DCT0
DCT1
b15
DRC0
DRC1
DMA0
DMA1
DMD1
DRA0
DRA1
Data Register(1)
Address Register(1)
Static Base Register(1)
Frame Base Register(1)
User Stack Pointer
Interrupt Stack Pointer
Interrupt Table Register
Program Counter
Flag Save Register
PC Save Register
Vector Register
DMA Mode Register
DMA Transfer Count Register
DMA Transfer Count Reload Register
DMA Memory Address Register
DMA SFR Address Register
DMA Memory Address Reload Register
NOTES:
1. The register bank is comprised of these registers. Two sets of register banks are provided.
General Register
b15
b0
b15
b0
Carry Flag
Debug Flag
Zero Flag
Sign Flag
Register Bank Select Flag
Overflow Flag
Interrupt Enable Flag
Stack Pointer Select Flag
Reserved Space
Processor Interrupt Priority Level
Reserved Space
FLG
Flag Register
IPL
U I O B S Z D C
b7
b8
DSA0
DSA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com