Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 79Page - Renesas Technology Corp M32C/86 Datasheet HTML 80Page - Renesas Technology Corp M32C/86 Datasheet HTML 81Page - Renesas Technology Corp M32C/86 Datasheet HTML 82Page - Renesas Technology Corp M32C/86 Datasheet HTML 83Page - Renesas Technology Corp M32C/86 Datasheet HTML 84Page - Renesas Technology Corp M32C/86 Datasheet HTML 85Page - Renesas Technology Corp M32C/86 Datasheet HTML 86Page - Renesas Technology Corp M32C/86 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 505 page
background image
Page 60
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
8. Bus
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
8.2.4 Bus Timing
Bus cycle for the internal ROM and internal RAM is basically one BCLK cycle. When the PM12 bit in the
PM1 register is set to "1" (wait state), the bus cycles are two BCLK cycles.
Bus cycles for the SFR are basically two BCLK cycles. When the PM13 bit in the PM1 register is set to "1"
(2 wait states), the bus cycles are three BCLK cycles.
Basic bus cycle for an external space is 2ø (1ø+1ø) to read and to write. Bus cycle is selected by the
EWCRi register (i=0 to 3) from 12 types of separate bus settings and 7 types of multiplexed bus settings.
If the EWCRi04 to EWCRi00 bits are set to "000112" (1ø+3ø), bus cycles are four BCLK cycles.
Figure 8.3 shows the EWCRi register. Figures 8.4 to 8.8 show bus timing in an external space.
Figure 8.3 EWCR0 to EWCR3 Registers
Symbol
Address
After Reset
EWCR0 to EWCR3
004816, 004916, 004A16, 004B16
X0X0 00112
External Space Wait Control Register i (i=0 to 3)(3)
RW
RW
RW
RW
RW
RW
RW
EWCRi00
EWCRi01
EWCRi03
EWCRi04
(b5)
(b7)
EWCRi06
EWCRi02
0 0 0 0 1: 1
φ + 1φ
0 0 0 1 0: 1
φ + 2φ
0 0 0 1 1: 1
φ + 3φ
0 0 1 0 0: 1
φ + 4φ
0 0 1 0 1: 1
φ + 5φ
0 0 1 1 0: 1
φ + 6φ
0 1 0 1 0: 2
φ + 2φ
0 1 0 1 1: 2
φ + 3φ
0 1 1 0 0: 2
φ + 4φ
0 1 1 0 1: 2
φ + 5φ
1 0 0 1 1: 3
φ + 3φ
1 0 1 0 0: 3
φ + 4φ
1 0 1 0 1: 3
φ + 5φ
1 0 1 1 0: 3
φ + 6φ
Do not set values other than the above
Bit Name
Function
Bit
Symbol
Bus Cycle Select Bit
Nothing is assigned.
When read, its content is indeterminate.
Nothing is assigned.
When read, its content is indeterminate.
Recovery Cycle Addition
Select Bit
0 : Adds no recovery cycle when
accessing external space i
1 : Adds a recovery cycle when
accessing external space i
b7
b6
b5
b4
b3
b2
b1
b0
b4 b3 b2 b1 b0
(1)
(2)
NOTES:
1. The number of bus cycles from "when bus access begins" to "when RD or WR signal becomes "L".
2. The number of bus cycles from "when RD or WR signal becomes "L" to "when it becomes "H".
3. The EWCR0 to EWCR3 registers in M32C/86T cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com