Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 62Page - Renesas Technology Corp M32C/86 Datasheet HTML 63Page - Renesas Technology Corp M32C/86 Datasheet HTML 64Page - Renesas Technology Corp M32C/86 Datasheet HTML 65Page - Renesas Technology Corp M32C/86 Datasheet HTML 66Page - Renesas Technology Corp M32C/86 Datasheet HTML 67Page - Renesas Technology Corp M32C/86 Datasheet HTML 68Page - Renesas Technology Corp M32C/86 Datasheet HTML 69Page - Renesas Technology Corp M32C/86 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 505 page
background image
Page 43
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
6. Voltage Detection Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 6.2 WDC Register
WDC7
WDC5
(b4 - b0)
(b6)
Reserved Bit
Prescaler Select Bit
Watchdog Timer Control Register
High-Order Bit of the Watchdog Timer
0 : Divide-by-16
1 : Divide-by-128
0 : Cold start-up
1 : Warm start-up
Set to "0"
Symbol
Address
After Reset
WDC
000F16
000X XXXX2
RW
RO
RW
RW
RW
Bit Name
Function
Bit
Symbol
Cold Start-up/
Warm Start-up
Determine Flag(1,2, 3)
NOTES:
1. The WDC5 bit remains set to "1", regardless of setting to "1" or "0".
2. The WDC5 bit is set to "0" when power is turned on and can be set to "1" by program only.
3. The WDC5 bit maintains a value set before reset, even after reset has been performed.
b7
b6
b5
b4
b3
b2
b1
b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com