Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 27Page - Renesas Technology Corp M32C/86 Datasheet HTML 28Page - Renesas Technology Corp M32C/86 Datasheet HTML 29Page - Renesas Technology Corp M32C/86 Datasheet HTML 30Page - Renesas Technology Corp M32C/86 Datasheet HTML 31Page - Renesas Technology Corp M32C/86 Datasheet HTML 32Page - Renesas Technology Corp M32C/86 Datasheet HTML 33Page - Renesas Technology Corp M32C/86 Datasheet HTML 34Page - Renesas Technology Corp M32C/86 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 505 page
background image
Page 8
1. Overview
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
VSS
VCC
AVSS
VREF
AVCC
P24
P23
P22
P21
P20
P17
P16
P15
P14
P13
P12
P11
P10
P07
P06
P05
P04
P114
P113
P112
P111
P110
P03
P02
P01
P00
P157
P156
P155
P154
P153
P152
P151
P150
P107
P106
P105
P104
P103
P102
P101
P100
P97
INT5
INT4
INT3
KI3
KI2
KI1
KI0
Timer Pin
RxD4/SCL4/STxD4
AN24
AN23
AN22
AN21
AN20
AN07
AN06
AN05
AN04
AN03
AN02
AN01
AN00
AN157
AN156
AN155
AN154
AN153
AN152
AN151
AN150
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
ADTRG
A4(/D4)
A3(/D3)
A2(/D2)
A1(/D1)
A0(/D0)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bus Control Pin(1)
Analog Pin
Interrupt
Pin
Pin
No.
INPC13/OUTC13
INPC12/OUTC12/ISRxD1/BE1IN
INPC11/OUTC11/ISCLK1
INPC10/OUTC10/ISTxD1/BE1OUT
ISRxD0
ISCLK0
ISTxD0
Control
Pin
Port
UART/CAN Pin
Intelligent I/O Pin
NOTES:
1. Bus control pins in M32C/86T cannot be used,
Table 1.3 Pin Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com