Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 92Page - Renesas Technology Corp M32C/86 Datasheet HTML 93Page - Renesas Technology Corp M32C/86 Datasheet HTML 94Page - Renesas Technology Corp M32C/86 Datasheet HTML 95Page - Renesas Technology Corp M32C/86 Datasheet HTML 96Page - Renesas Technology Corp M32C/86 Datasheet HTML 97Page - Renesas Technology Corp M32C/86 Datasheet HTML 98Page - Renesas Technology Corp M32C/86 Datasheet HTML 99Page - Renesas Technology Corp M32C/86 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 505 page
background image
Page 73
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 9.2 CM0 Register
Symbol
Address
After Reset
CM0
000616
0000 10002
System Clock Control Register 0(1)
CM00
CM01
CM02
Clock Output Function
Select Bit(2)
In Wait Mode, Peripheral
Function Clock Stop Bit(9)
Port XC Switch Bit
Main Clock (XIN-XOUT)
Stop Bit(5, 9)
CM04
CM05
CM06
CM07
RW
Function
Bit Name
Bit
Symbol
RW
RW
RW
RW
RW
RW
RW
RW
0 : Main clock oscillates
1 : Main clock stops(6)
0 0 : I/O port P53
0 1 : Outputs fC
1 0 : Outputs f8
1 1 : Outputs f32
0 : I/O port function
1 : XCIN-XCOUT oscillation function(4)
XCIN-XCOUT Drive
Capacity Select Bit
(11)
Watchdog Timer
Function Select Bit
CPU Clock Select
Bit 0(8, 9, 10)
0: Clock selected by the CM21 bit
divided by MCD register setting
1: Sub clock
0 : Watchdog timer interrupt
1 : Reset(7)
NOTES:
1. Rewrite the CM0 register after the PRC0 bit in the PRCR register is set to "1" (write enable).
2. When the PM07 bit in the PM0 register is set to "0" (BCLK output), set the CM01 and CM00 bits to
"002". When the PM15 and PM14 bits in the PM1 register are set to "012" (ALE output to P53), set the
CM01 and CM00 bits to "002". When the PM07 bit is set to "1" (function selected in the CM01 and
CM00 bits) in microprocessor or memory expansion mode, and the CM01 and CM00 bits are set to
"002", an "L" signal is output from port P53 (port P53 does not function as an I/O port).
3. fc32 does not stop running. When the CM02 bit is set to "1", the PLL clock cannot be used in wait
mode.
4. When setting the CM04 bit is set to "1", set the PD8_7 and PD8_6 bits in the PD8 register to "002"
(port P87 and P86 in input mode) and the PU25 bit in the PUR2 register to "0" (no pull-up).
5. When entering low-power consumption mode or on-chip oscillator low-power consumption mode, the
CM05 bit stops running the main clock. The CM05 bit cannot detect whether the main clock stops or
not. To stop running the main clock, set the CM05 bit to "1" after the CM07 bit is set to "1" with a stable
sub clock oscillation or after the CM21 bit in the CM2 register is set to "1" (on-chip oscillator clock).
When the CM05 bit is set to "1", the clock applied to XOUT becomes "H". The built-in feedback resistor
remains ON. XIN is pulled up to XOUT ("H" level) via the feedback resistor.
6. When the CM05 bit is set to "1", the MCD4 to MCD0 bits in the MCD register are set to "010002"
(divide-by-8 mode). In on-chip oscillation mode, the MCD4 to MCD0 bits are not set to "010002" even
if the CM05 bit terminates XIN-XOUT.
7. Once the CM06 bit is set to "1", it cannot be set to "0" by program.
8. After the CM04 bit is set to "1" with a stable sub clock oscillation, set the CM07 bit to "1" from "0".
After the CM05 bit is set to "0" with a stable main clock oscillation, set the CM07 bit to "0" from "1".
Do not set the CM07 bit and CM04 or CM05 bit simultaneously.
9. When the PM21 bit in the PM2 register is set to "1" (clock change disable), the CM02, CM05 and
CM07 bits do not change even when written.
10. After the CM07 bit is set to "0", set the PM21 bit to "1".
11. When stop mode is entered, the CM03 bit is set to "1".
b7
b6
b5
b4
b3
b2
b1
b0
b1 b0
0 : Peripheral clock does not stop in
wait mode
1 : Peripheral clock stops in wait
mode(3)
CM03
0 : Low
1 : High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com