Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 61Page - Renesas Technology Corp M32C/86 Datasheet HTML 62Page - Renesas Technology Corp M32C/86 Datasheet HTML 63Page - Renesas Technology Corp M32C/86 Datasheet HTML 64Page - Renesas Technology Corp M32C/86 Datasheet HTML 65Page - Renesas Technology Corp M32C/86 Datasheet HTML 66Page - Renesas Technology Corp M32C/86 Datasheet HTML 67Page - Renesas Technology Corp M32C/86 Datasheet HTML 68Page - Renesas Technology Corp M32C/86 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 505 page
background image
Page 42
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
6. Voltage Detection Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
6. Voltage Detection Circuit
The voltage detection circuit consists of the reset level detection circuit and the low voltage detection circuit.
The reset level detection circuit monitors the voltage applied to the VCC pin. The microcomputer is reset if
the reset level detection circuit detects VCC is Vdet3 or below. This circuit is disabled when the microcom-
puter is in stop mode.
The voltage detection circuit also monitors the voltage applied to the VCC pin. The low voltage detection
signal is generated when the low voltage detection circuit detects VCC is above or below Vdet4. This signal
generates the low voltage detection interrupt. The VC13 bit in the VCR1 register determines whether VCC
is above or below Vdet4.
The voltage detection circuit is available when VCC=4.2V to 5.5V.
Figure 6.1 shows a block diagram of the voltage detection circuit.
The voltage detection circuit in M32C/86T cannot be used.
However, the cold start-up/warm start-up determine function is available.
NOTE
Figure 6.1 Voltage Detection Circuit Block Diagram
b7 b6
VCR2 Register
RESET
CM10 Bit=1
(Stop Mode)
+
≥Vdet3
+
≥Vdet4
E
Noise Rejection
Low Voltage
Detection Signal
b3
VCR1 Register
VC13 Bit
>T
Q
1 shot
td(S-R)
Internal Reset Signal
("L" active)
Wait Time to Release
Brown-out Detection
Reset
E
VCC
Low Voltage
Detection Circuit
Reset Level
Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com