Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 97Page - Renesas Technology Corp M32C/86 Datasheet HTML 98Page - Renesas Technology Corp M32C/86 Datasheet HTML 99Page - Renesas Technology Corp M32C/86 Datasheet HTML 100Page - Renesas Technology Corp M32C/86 Datasheet HTML 101Page - Renesas Technology Corp M32C/86 Datasheet HTML 102Page - Renesas Technology Corp M32C/86 Datasheet HTML 103Page - Renesas Technology Corp M32C/86 Datasheet HTML 104Page - Renesas Technology Corp M32C/86 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 505 page
background image
Page 78
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
PLC12
(b0)
(b1)
(b3)
(b4)
Function
PLL Control Register 1(1, 2, 3, 4)
Reserved Bit
0 : Divide-by-2
1 : Divide-by-3
Set to "0"
PLL Clock Division
Switch Bit
(b7 - b5)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PLC1
002716
000X 00002
RW
RW
Reserved Bit
Set to "1"
RW
RW
Reserved Bit
Reserved Bit
Reserved Bit
Set to "0"
Set to "0"
RO
RW
RW
NOTES:
1. Rewrite the PLC1 register after the PRC0 bit in the PRCR register is set to "1" (write enable).
2. If the PM21 bit in the PM2 register is set to "1" (clock change disable), the PLC1 register does not
change when written.
3. Set the PLC1 register when the PLC07 bit is set to "0" (PLL off).
4. Set the PLC0 and PLC1 registers simultaneously in 16-bit units.
When read,
its content is indeterminate
b7
b6
b5
b4
b3
b2
b1
b0
1
00
0
0
0
Figure 9.7 PLC0 and PLC1 Registers
PLC00
PLC01
PLC02
(b3)
(b4)
(b5)
(b6)
PLC07
Function
PLL Control Register 0(1, 2, 5)
Programmable Counter
Select Bit(3)
Reserved Bit
Operation Enable Bit(4)
0: PLL is Off
1: PLL is On
Set to "1"
Reserved Bit
Set to "0"
Reserved Bit
Reserved Bit
Set to "1"
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PLC0
002616
0001 X0102
RW
RW
RW
RW
RO
RW
RW
RW
RW
NOTES:
1. Rewrite the PLC0 register after the PRC0 bit in the PRCR register is set to "1" (write enable).
2. If the PM21 bit in the PM2 register is set to "1" (clock change disable), the PLC0 register setting does
not change when written.
3. Set the PLC02 to PLC00 bits when the PLC07 bit is set to "0". Once these bits are set, they cannot be
changed.
4. Set the CM17 bit in the CM1 register to "0" (main clock as CPU clock source) and the PLC07 bit to "0"
before entering wait or stop mode.
5. Set the PLC0 and PLC1 registers simultaneously in 16-bit units.
0 1 1 : Multiply-by-6
1 0 0 : Multiply-by-8
Do not set to values other than the above
b2 b1 b0
When read,
its content is indeterminate
b7
b6
b5
b4
b3
b2
b1
b0
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com