Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 100Page - Renesas Technology Corp M32C/86 Datasheet HTML 101Page - Renesas Technology Corp M32C/86 Datasheet HTML 102Page - Renesas Technology Corp M32C/86 Datasheet HTML 103Page - Renesas Technology Corp M32C/86 Datasheet HTML 104Page - Renesas Technology Corp M32C/86 Datasheet HTML 105Page - Renesas Technology Corp M32C/86 Datasheet HTML 106Page - Renesas Technology Corp M32C/86 Datasheet HTML 107Page - Renesas Technology Corp M32C/86 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 505 page
background image
Page 81
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
9.1.2 Sub Clock
Sub clock oscillation circuit generates the sub clock. The sub clock becomes clock source of the CPU
clock and for the timers A and B. The same frequency, fc, as the sub clock can be output from the
CLKOUT pin.
The sub clock oscillation circuit is configured by connecting a crystal oscillator between the XCIN and
XCOUT pins. The circuit has a built-in feedback resistor. The feedback resistor is separated from the
oscillation circuit in stop mode to reduce power consumption. An external clock can be applied to the XCIN
pin. Figure 9.10 shows an example of a sub clock circuit connection. Circuit constants vary depending on
each oscillator. Use the circuit constant recommended by each oscillator manufacturer.
The sub clock stops after reset. The feedback resistor is separated from the oscillation circuit. When the
PD8_6 and PD8_7 bits in the PD8 register are set to "0" (input mode) and the PU25 bit in the PUR2
register is set to "0" (no pull-up), set the CM04 bit in the CM0 register to "1" (XCIN-XCOUT oscillation
function). The sub clock oscillation circuit starts oscillating. To apply an external clock to the XCIN pin, set
the CM04 bit to "1" when the PD8_7 bit is set to "0" and the PU25 bit to "0". The clock applied to the XCIN
pin becomes a clock source of the sub clock.
When the CM07 bit in the CM0 register is set to "1" (sub clock) after the sub clock oscillation has stabi-
lized, the sub clock becomes a CPU clock source.
All clocks, including the sub clock, stop in stop mode. Refer to 9.5 Power Consumption Control for
details.
Figure 9.10 Sub Clock Circuit Connection
External Clock
XCIN
XCOUT
Open
VCC
VSS
NOTES:
1. Place a damping resistor if required. Resistance values vary depending on the oscillator setting.
Use values recommended by each oscillator manufacturer.
Place a feedback resistor between XCIN and XCOUT if the oscillator manufacturer recommends
placing the resistor externally.
Oscillator
RCd
(1)
CCIN
CCOUT
XCIN
XCOUT
Microcomputer
(Built-in Feedback Resistor)
Microcomputer
(Built-in Feedback Resistor)
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com