Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 103Page - Renesas Technology Corp M32C/86 Datasheet HTML 104Page - Renesas Technology Corp M32C/86 Datasheet HTML 105Page - Renesas Technology Corp M32C/86 Datasheet HTML 106Page - Renesas Technology Corp M32C/86 Datasheet HTML 107Page - Renesas Technology Corp M32C/86 Datasheet HTML 108Page - Renesas Technology Corp M32C/86 Datasheet HTML 109Page - Renesas Technology Corp M32C/86 Datasheet HTML 110Page - Renesas Technology Corp M32C/86 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 505 page
background image
Page 84
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 9.12 Procedure to Use PLL Clock as CPU Clock Source
Use PLL clock as CPU clock source
Set the PLC0 and the PLC1 registers
(Set the PLC07 bit to "0")
Set the CM17 bit to "1"
(PLL clock as CPU clock source)
PLC07 bit : Bit in the PLC0 Register
CM17 bit : Bit in the CM1 Register
Set the PLC07 bit to "1"
(PLL on)
Wait
tsu(PLL)ms
End
9.1.4 PLL Clock
The PLL frequency synthesizer generates the PLL clock based on the main clock. The PLL clock can be
used as clock source for the CPU clock and peripheral function clock.
The PLL frequency synthesizer stops after reset. When the PLC07 bit is set to "1" (PLL on), the PLL
frequency synthesizer starts operating. Wait
tsu(PLL) ms for the PLL clock to stabilize.
The PLL clock can either be the clock output from the voltage controlled oscillator (VCO) divided-by-2 or
divided-by-3. When the PLL clock is used as a clock source for the CPU clock or peripheral function
clock, set each bit as is shown in Table 9.3. Figure 9.12 shows the procedure to use the PLL clock as the
CPU clock source.
To enter wait or stop mode, set the CM17 bit to "0" (main clock as CPU clock source), set the PLC07 bit
in the PLC0 register to "0" (PLL off) and then enter wait or stop mode.
Table 9.3 Bit Settings to Use PLL Clock as CPU Clock Source
X
(
f
N
I
)
r
e
t
s
i
g
e
R
0
C
L
Pr
e
t
s
i
g
e
R
1
C
L
P
k
c
o
l
C
L
L
P
t
i
B
2
0
C
L
Pt
i
B
1
0
C
L
Pt
i
B
0
0
C
L
Pt
i
B
1
2
M
C
z
H
M
0
10
1
1
0z
H
M
0
3
1z
H
M
0
2
z
H
M
81
0
0
0z
H
M
2
3
1z
H
M
3
.
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com