Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 106Page - Renesas Technology Corp M32C/86 Datasheet HTML 107Page - Renesas Technology Corp M32C/86 Datasheet HTML 108Page - Renesas Technology Corp M32C/86 Datasheet HTML 109Page - Renesas Technology Corp M32C/86 Datasheet HTML 110Page - Renesas Technology Corp M32C/86 Datasheet HTML 111Page - Renesas Technology Corp M32C/86 Datasheet HTML 112Page - Renesas Technology Corp M32C/86 Datasheet HTML 113Page - Renesas Technology Corp M32C/86 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 505 page
background image
Page 87
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
9.5 Power Consumption Control
Normal operating mode, wait mode and stop mode are provided as the power consumption control.
All mode states, except wait mode and stop mode, are called normal operating mode in this section. Figure
9.13 shows a block diagram of status transition in wait mode and stop mode. Figure 9.14 shows a block
diagram of status transition in all modes.
9.5.1 Normal Operating Mode
The normal operating mode is further separated into six modes.
In normal operating mode, the CPU clock and peripheral function clock are supplied to operate the CPU
and peripheral function. The power consumption control is enabled by controlling a CPU clock fre-
quency. The higher the CPU clock frequency is, the more processing power increases. The lower the
CPU clock frequency is, the more power consumption decreases. When unnecessary oscillation circuit
stops, power consumption is further reduced.
9.5.1.1 High-Speed Mode
The main clock(1) becomes the CPU clock and a clock source of the peripheral function clock. When
the sub clock runs, fC32 can be used as a count source for the timers A and B.
9.5.1.2 Medium-Speed Mode
The main clock(1) divided-by-2, -3, -4, -6, -8, -10, -12, -14, or -16 becomes the CPU clock. The main
clock(1) is a clock source for the peripheral function clock. When the sub clock runs, fC32 can be used
as a count source for the timers A and B.
9.5.1.3 Low-Speed Mode
The sub clock becomes the CPU clock . The main clock(1) is a clock source for the peripheral function
clock. fC32 can be used as a count source for the timers A and B.
9.5.1.4 Low-Power Consumption Mode
The microcomputer enters low-power consumption mode when the main clock stops in low-speed
mode. The sub clock becomes the CPU clock. Only fC32 can be used as a count source for the timers
A and B and the peripheral function clock. In low-power consumption mode, the MCD4 to MCD0 bits
in the MCD register are set to "010002" (divide-by-8 mode). Therefore, when the main clock resumes
running, the microcomputer is in midium-speed mode (divide-by-8 mode).
9.5.1.5 On-Chip Oscillator Mode
The on-chip oscillator clock divided-by-1 (no division), -2, -3, 4-, -6, -8, -10, -12, -14, or -16 becomes
the CPU clock. The on-chip oscillator clock is a clock source for the peripheral function clock. When
the sub clock runs, fC32 can be used as a count source for the timers A and B.
9.5.1.6 On-Chip Oscillator Low-Power Consumption Mode
The microcomputer enters on-chip oscillator low-power consumption mode when the main clock stops
in on-chip oscillator mode . The on-chip oscillator clock divided-by-1 (no division), -2, -3, -4, -6, -8, -10, -
12, -14, or -16 becomes the CPU clock. The on-chip oscillator clock is a clock source for the peripheral
function clock. When the sub clock runs, fC32 can be used as a count source for the timers A and B.
NOTES:
1. The PLL clock, instead of the main clock, when the CM17 bit is set to "1" (PLL clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com