Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 104Page - Renesas Technology Corp M32C/86 Datasheet HTML 105Page - Renesas Technology Corp M32C/86 Datasheet HTML 106Page - Renesas Technology Corp M32C/86 Datasheet HTML 107Page - Renesas Technology Corp M32C/86 Datasheet HTML 108Page - Renesas Technology Corp M32C/86 Datasheet HTML 109Page - Renesas Technology Corp M32C/86 Datasheet HTML 110Page - Renesas Technology Corp M32C/86 Datasheet HTML 111Page - Renesas Technology Corp M32C/86 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 505 page
background image
Page 85
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
9.2 CPU Clock and BCLK
The CPU operating clock is referred to as the CPU clock. The CPU clock is also a count source for the
watchdog timer. After reset, the CPU clock is the main clock divided-by-8 . In memory expansion or micro-
processor mode, the clock having the same frequency as the CPU clock can be output from the BCLK pin
as BCLK. Refer to 9.4 Clock Output Function for details.
The main clock, sub clock, on-chip oscillator clock or PLL clock can be selected as a clock source for the
CPU clock. Table 9.4 shows CPU clock source and bit settings.
When the main clock, on-chip oscillator clock or PLL clock is selected as a clock source of the CPU clock,
the selected clock divided-by-1 (no division), -2, -3, -4, -6, -8, -10, -12, -14 or -16 becomes the CPU clock.
The MCD4 to MCD0 bits in the MCD register select the clock division.
When the microcomputer enters stop mode or low-power consumption mode (except when the on-chip
oscillator clock is the CPU clock), the MCD4 to MCD0 bits are set to "010002" (divide-by-8 mode). There-
fore, when the main clock starts running, the CPU clock enters medium-speed mode (divide-by-8).
Table 9.4 CPU Clock Source and Bit Settings
NOTES:
1. Refer to 23.2 CAN Clock for details.
9.3 Peripheral Function Clock
The peripheral function clock becomes an operating clock or count source for peripheral functions exclud-
ing the watchdog timer.
9.3.1 f1, f8, f32 and f2n
f1, f8 and f32 are the peripheral function clock, selected by the CM21 bit, divided-by-1, -8, or -32. The
PM27 and PM26 bits in the PM2 register selects a f2n count source from the peripheral clock, XIN clock,
and the on-chip oscillator clock. The CNT3 to CNT0 bits in the TCSPR register selects a f2n division. (n=0
to 15. No division when n=0.)
f1, f8, f32 and f2n stop when the CM02 bit in the CM0 register to "1" (peripheral function stops in wait mode)
to enter wait mode or when in low-power consumption mode.
f1, f8 and f2n are used as an operating clock of the serial I/O and count source of the timers A and B. f1 is
also used as an operating clock for the intelligent I/O.
The CLKOUT pin outputs f8 and f32 . Refer to 9.4 Clock Output Function for details.
9.3.2 fAD
fAD is an operating clock for the A/D converter and has the same frequency as either the main clock(1) or
the on-chip oscillator clock. The CM21 bit determines which clock is selected.
If the CM02 bit is set to "1" (peripheral function stop in wait mode) to enter wait mode, fAD stops. fAD also
stops in low-power consumption mode.
NOTES:
1. The PLL clock, instead of the main clock, when the CM17 bit is set to "1" (PLL clock).
e
c
r
u
o
S
k
c
o
l
C
U
P
C
r
e
t
s
i
g
e
R
0
M
Cr
e
t
s
i
g
e
R
1
M
Cr
e
t
s
i
g
e
R
2
M
Cr
e
t
s
i
g
e
R
2
M
P
t
i
B
7
0
M
Ct
i
B
7
1
M
Ct
i
B
1
2
M
Ct
i
B
4
2
M
P
k
c
o
l
C
n
i
a
M
000
0
)
e
d
o
M
t
c
e
r
i
D
k
c
o
l
C
n
i
a
M
(
k
c
o
l
C
n
i
a
M
)
1
(
000
1
k
c
o
l
C
b
u
S1
0
0
0
k
c
o
l
C
r
o
t
a
ll
i
c
s
O
p
i
h
C
-
n
O0
0
1
0
k
c
o
l
C
L
L
P0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com