Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 110Page - Renesas Technology Corp M32C/86 Datasheet HTML 111Page - Renesas Technology Corp M32C/86 Datasheet HTML 112Page - Renesas Technology Corp M32C/86 Datasheet HTML 113Page - Renesas Technology Corp M32C/86 Datasheet HTML 114Page - Renesas Technology Corp M32C/86 Datasheet HTML 115Page - Renesas Technology Corp M32C/86 Datasheet HTML 116Page - Renesas Technology Corp M32C/86 Datasheet HTML 117Page - Renesas Technology Corp M32C/86 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 505 page
background image
Page 91
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
9.5.3.1 Entering Stop Mode
Stop mode is entered when setting the CM10 bit in the CM10 register to "1" (all clocks stops). The
MCD4 to MCD0 bits in the MCD register become set to "010002" (divide-by-8 mode).
Enter stop mode after setting the followings.
• Initial Setting
Set each interrupt priority level after setting the exit priority level required to exit stop mode, con-
trolled by the RLVL2 to RLVL0 bits in the RLVL register, to "7".
• Before Entering stop mode
(1) Set the I flag to "0"
(2) Set the interrupt priority level of the interrupt being used to exit stop mode
(3) Set the interrupt priority levels of the interrupts, not being used to exit stop mode, to "0"
(4) Set IPL in the FLG register. Then set the exit priority level to the same level as IPL
Interrupt priority level of the interrupt used to exit stop mode > IPL = the exit priority level
(5) Set the PRC0 bit in the PRCR register to "1" (write enable)
(6) Select the main clock as the CPU clock
• When the CPU clock source is the sub clock,
(a) set the CM05 bit in the CM0 register to "0" (main clock oscillates)
(b) set the CM07 bit in the CM0 register to "0" (clock selected by the CM21 bit divided by MCD
register setting)
• When the CPU clock source is the PLL clock,
(a) set the CM17 bit in the CM1 register to "0" (main clock)
(b) set the PLC07 bit in the PLC0 register to "0" (PLL off)
• When main clock direct mode is used,
(a) set the PRC1 bit in the PRCR register to "1" (write enable)
(b) set the PM24 bit in the PM2 register to "0" (clock selected by the CM07 bit)
• When the CPU clock source is the on-chip oscillator clock,
(a) set MCD4 to MCD0 bits to "010002" (divide-by-8 mode)
(b) set the CM05 bit to "0" (main clock oscillates)
(c) set the CM21 bit in the CM2 register to "0" (clock selected by the CM17 bit)
(7) The oscillation stop detect function is used, set the CM20 bit in the CM2 register to "0" (oscilla-
tion stop detect fucntion disabled)
(8) Set the I flag to "1"
(9) Set the CM10 bit to "1" (all clocks stops)
• After Exiting Stop Mode
Set the exit priority level to "7" as soon as exiting stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com