Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 112Page - Renesas Technology Corp M32C/86 Datasheet HTML 113Page - Renesas Technology Corp M32C/86 Datasheet HTML 114Page - Renesas Technology Corp M32C/86 Datasheet HTML 115Page - Renesas Technology Corp M32C/86 Datasheet HTML 116Page - Renesas Technology Corp M32C/86 Datasheet HTML 117Page - Renesas Technology Corp M32C/86 Datasheet HTML 118Page - Renesas Technology Corp M32C/86 Datasheet HTML 119Page - Renesas Technology Corp M32C/86 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 505 page
background image
Page 93
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Wait Mode
Normal Operating Mode
CPU operation is stopped
CM10=1
CM10=1
All oscillation is stopped
Interrupt
Wait Mode
Wait Mode
Stop Mode
Stop Mode
Wait Mode
WAIT Instruction
WAIT Instruction
WAIT Instruction
WAIT Instruction
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Reset
Middle-Speed Mode
(divide-by-8 mode)
High-Speed /
Middle-Speed Mode
Low-Speed/ Low-Power
Consumption Mode
(Note 1)
(Note 1)
(Note 2)
(Note 2)
(Note 2)
(Note 3)
On-Chip Oscillator / On-
Chip Oscillator Low-Power
Consumption Mode
NOTES:
1. See Figure 9.14.
2. When the CM17 bit is set to "1" (PLL clock as CPU clock source), set the CM17 bit to "0"(main clock as CPU clock source)
and the PLC07 bit is set to "0" (PLL off). Then enter wait mode or stop mode.
3. When the CM17 bit is set to "1" (PLL clock as CPU clock source), set the CM17 bit to "0"(main clock as CPU clock source)
and the PLC07 bit is set to "0" (PLL off). Then enter low-speed or low-power consumption mode.
(Note 2)
Figure 9.13 Status Transition in Wait Mode and Stop Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com