Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 109Page - Renesas Technology Corp M32C/86 Datasheet HTML 110Page - Renesas Technology Corp M32C/86 Datasheet HTML 111Page - Renesas Technology Corp M32C/86 Datasheet HTML 112Page - Renesas Technology Corp M32C/86 Datasheet HTML 113Page - Renesas Technology Corp M32C/86 Datasheet HTML 114Page - Renesas Technology Corp M32C/86 Datasheet HTML 115Page - Renesas Technology Corp M32C/86 Datasheet HTML 116Page - Renesas Technology Corp M32C/86 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 505 page
background image
Page 90
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 9.8 Interrupts to Exit Wait Mode
9.5.3 Stop Mode
In stop mode, all oscillators and resonators stop. The CPU clock and peripheral function clock, as well as
the CPU and peripheral functions operated by these clocks, also stop. The least power required to
operate the microcomputer is in stop mode. The internal RAM holds its data when the voltage applied to
the VCC pin is more than or equal to VRAM. If the voltage applied to the VCC pin is 2.7V or less, the
voltage must be Vcc
≥ VRAM.
The following interrupts can be used to exit stop mode:
_______
• NMI interrupt
• Key Input Interrupt
______
• INT interrupt
• Timer A and B interrupt (Available when the timer counts external pulse, having its 100Hz or less
frequency, in event counter mode)
• Low voltage detection interrupt (Refer to 6.1 Low Voltage Detection Interrupt for usage conditions)
t
p
u
r
r
e
t
n
I0
=
2
0
M
C
n
e
h
W1
=
2
0
M
C
n
e
h
W
t
p
u
r
r
e
t
n
I
I
M
Ne
l
b
a
li
a
v
Ae
l
b
a
li
a
v
A
t
p
u
r
r
e
t
n
I
O
/
I
l
a
i
r
e
S
d
n
a
l
a
n
r
e
t
n
i
e
h
t
n
e
h
w
e
l
b
a
li
a
v
A
d
e
s
u
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
x
e
f
r
o
k
c
o
l
c
l
a
n
r
e
t
x
e
e
h
t
n
e
h
w
e
l
b
a
li
a
v
A
n
2
X
n
e
h
w
(
N
I
s
i
r
o
t
a
ll
i
c
s
o
p
i
h
c
-
n
o
r
o
k
c
o
l
c
d
e
s
u
s
i
)
d
e
t
c
e
l
e
s
t
p
u
r
r
e
t
n
I
t
u
p
n
I
y
e
Ke
l
b
a
li
a
v
Ae
l
b
a
li
a
v
A
t
p
u
r
r
e
t
n
I
n
o
i
s
r
e
v
n
o
C
D
/
A
p
e
e
w
s
-
e
l
g
n
i
s
r
o
e
l
g
n
i
s
n
i
e
l
b
a
li
a
v
A
e
d
o
m
e
s
u
t
o
n
o
D
t
p
u
r
r
e
t
n
I
A
r
e
m
i
T
t
p
u
r
r
e
t
n
I
B
r
e
m
i
T
s
e
d
o
m
ll
a
n
i
e
l
b
a
li
a
v
A
n
e
h
w
r
o
e
d
o
m
r
e
t
n
u
o
c
t
n
e
v
e
n
i
e
l
b
a
li
a
v
A
f
s
i
e
c
r
u
o
s
t
n
u
o
c
2
3
C
f
r
o
n
2
X
n
e
h
w
(
N
I
)
d
e
t
c
e
l
e
s
s
i
r
o
t
a
ll
i
c
s
o
p
i
h
c
-
n
o
r
o
k
c
o
l
c
t
p
u
r
r
e
t
n
I
T
N
Ie
l
b
a
li
a
v
Ae
l
b
a
li
a
v
A
n
o
i
t
c
e
t
e
D
e
g
a
t
l
o
V
w
o
L
t
p
u
r
r
e
t
n
I
e
l
b
a
li
a
v
Ae
l
b
a
li
a
v
A
t
p
u
r
r
e
t
n
I
N
A
Ce
l
b
a
li
a
v
Ae
s
u
t
o
n
o
D
t
p
u
r
r
e
t
n
I
O
/
I
t
n
e
g
il
l
e
t
n
Ie
l
b
a
li
a
v
Ae
s
u
t
o
n
o
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com