Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 333Page - Renesas Technology Corp M32C/86 Datasheet HTML 334Page - Renesas Technology Corp M32C/86 Datasheet HTML 335Page - Renesas Technology Corp M32C/86 Datasheet HTML 336Page - Renesas Technology Corp M32C/86 Datasheet HTML 337Page - Renesas Technology Corp M32C/86 Datasheet HTML 338Page - Renesas Technology Corp M32C/86 Datasheet HTML 339Page - Renesas Technology Corp M32C/86 Datasheet HTML 340Page - Renesas Technology Corp M32C/86 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 505 page
background image
Page 314
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23. CAN Module
The CAN (Controller Area Network) module included in the M32C/86 group (M32C/86, M32C/86T) is a Full
CAN module, compatible with CAN Specification 2.0 Part B. Two channels, CAN0 and CAN1, can be used.
Table 23.1 lists specifications of the CAN module.
Table 23.1 CAN Module Specifications
Item
Specification
Protocol
CAN Specification 2.0 Part B
Message Slots
16 slots
Polarity
Dominant: "L"
Recessive: "H"
Acceptance Filter
Global mask: 1 (for message slots 0 to 13)
Local mask: 2 (for message slots 14 and 15 respectively)
Baud Rate
Baud rate =
--- Max. 1 Mbps
Tq clock cycle =
Tq per bit = SS + PTS +PBS1+PBS2
Tq:
Time quantum
BRP: Setting value of the C0BRP and C1BRP registers, 1-255
SS:
Synchronization Segment; 1 Tq
PTS: Propagation Time Segment; 1 to 8 Tq
PBS1: Phase Buffer Segment 1; 2 to 8 Tq
PBS2: Phase Buffer Segment 2 ; 2 to 8 Tq
Remote Frame Automatic
Message slot that receives the remote frame transmits the data frame
Answering Function
automatically
Time Stamp Function
Time stamp function with a 16-bit counter. Count source can be selected
from the CAN bus bit clock divided by 1, 2, 3 or 4
CAN bus bit clock =
BasicCAN Mode
BasicCAN function can be used with the CANi message slots 14 and 15
Transmit Abort Function
Transmit request is aborted
Loopback Function
Frame transmitted by the CAN module is received by the same CAN module
Forcible Error Active
The CAN module is forced into an error active state by resetting an error
Transition Function
counter.
Single-Shot Transmit Function The CAN module does not transmit data again even if arbitration lost or
transmission error causes a transmission failure
Self-Test Function
The CAN module communicates internally and diagnoses its CAN module
state
NOTES:
1. Use an oscillator with maximum 1.58% oscillator tolerance.
1
Tq clock cycle x Tq per bit
BRP + 1
CAN clock
1
CAN bit time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com