Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 386 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 386 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 382Page - Renesas Technology Corp M32C/86 Datasheet HTML 383Page - Renesas Technology Corp M32C/86 Datasheet HTML 384Page - Renesas Technology Corp M32C/86 Datasheet HTML 385Page - Renesas Technology Corp M32C/86 Datasheet HTML 386Page - Renesas Technology Corp M32C/86 Datasheet HTML 387Page - Renesas Technology Corp M32C/86 Datasheet HTML 388Page - Renesas Technology Corp M32C/86 Datasheet HTML 389Page - Renesas Technology Corp M32C/86 Datasheet HTML 390Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 505 page
background image
Page 363
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.4.2.1 When the INTSEL Bit is Set to "0"
If the CAN-associated interrupt is generated by one of the interrupt request source listed in 23.4.2
CANij Interrupts, the corresponding bit in the CiSISTR register (i=0,1) is set to "1" (interrupt re-
quested) when the CANi slot k completes a transmission or a reception. The corresponding bit in the
CiEISTR register is set to "1" (interrupt requested) when the CANi module detects a bus error, moves
into an error-passive state, or moves into a bus-off state.
The CANi interrupt request signal is set to "1" when the corresponding bit in the CiSISTR or CiEISTR
is set to "1" and the corresponding bit in the CiSIMKR or CiEIMKR is set to "1"
When the CAN0 interrupt request signal changes "0" to "1", all CAN0jR bits (j=0 to 2) in the IIO9IR to
IIO11IR registers are set to "1" (interrupt requested).
If at least one of the CAN0jE bits in the IIO9IE to IIO11IE registers is set to "1" (interrupt enabled), the
IR bits in the corresponding CAN0IC to CAN2IC registers are set to "1" (interrupt requested). The
CAN0 interrupt request signal remains set to "1" if another interrupt request source causes a corre-
sponding bit in the C0SISTR or C0EISTR to be set to "1" and the corresponding bit in the C0SIMKR or
C0EIMKR to be set to "1" after the CAN0 interrupt request signal changes "0" to "1". The CAN0jR and
IR bits also remain unchanged.
When the CAN1 interrupt request signal changes "0" to "1", all three CAN1jR bits in the IIO0IR to
IIO1IR and IIO5IR registers are set to "1" (interrupt requested).
If at least one of the CAN1jE bits in the IIO0IE to IIO1IE and IIO5IE registers is set to "1", the IR bits in
the corresponding CAN3IC to CAN5IC registers are set to "1". The CAN0 interrupt request signal
remains set to "1" if another interrupt request causes the corresponding bit in the C1SISTR or
C1EISTR to be set to "1" and the corresponding bit in the C1SIMKR or C1EIMKR to be set to "1" after
the CAN1 interrupt request signal changes "0" to "1". The CAN1jR and IR bits also remain unchanged.
Bits in the CiSISTR or CiEISTR register and CANijR bits (i=0,1, j=0 to 2) in the IIO0IR to IIO1IR, IIO5IR
or IIO9IR to IIO11IR registers are not set to "0" automatically, interrupt acknowledgment notwithstand-
ing. Set these bits to "0" by program.
The CANi interrupts are acknowledged when the CANijR bit in the IIO0IR to IIO1IR, IIO5IR or IIO9IR to
IIO11IR register and the corresponding bit in the CiSISTR or CiEISTR register are set to "0". If these
bits remain set to "1", all CAN-associated interrupt request source become invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com