Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 465 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 461Page - Renesas Technology Corp M32C/86 Datasheet HTML 462Page - Renesas Technology Corp M32C/86 Datasheet HTML 463Page - Renesas Technology Corp M32C/86 Datasheet HTML 464Page - Renesas Technology Corp M32C/86 Datasheet HTML 465Page - Renesas Technology Corp M32C/86 Datasheet HTML 466Page - Renesas Technology Corp M32C/86 Datasheet HTML 467Page - Renesas Technology Corp M32C/86 Datasheet HTML 468Page - Renesas Technology Corp M32C/86 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 505 page
background image
Page 442
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
26. Electrical Characteristics (M32C/86T)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 26.26 Recommended Operating Conditions (Continued)
(VCC=4.2 to 5.5 V, VSS=0 V at Topr = -40 to 85oC (T version) unless otherwise specified)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
(
f
K
L
C
B
)y
c
n
e
u
q
e
r
F
k
c
o
l
C
U
P
CV C
C
V
5
.
5
o
t
2
.
4
=0
2
3z
H
M
X
(
f
N
I
)y
c
n
e
u
q
e
r
F
t
u
p
n
I
k
c
o
l
C
n
i
a
MV C
C
V
5
.
5
o
t
2
.
4
=0
2
3z
H
M
X
(
f
N
I
C
)y
c
n
e
u
q
e
r
F
k
c
o
l
C
b
u
S
8
6
7
.
2
30
5z
H
k
(
f
g
n
i
R
)(
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
p
i
h
c
-
n
OV C
C
5
2
=
r
p
o
T
,
V
0
.
5
=)
C
°
5
.
01
2
z
H
M
(
f
L
L
P
)y
c
n
e
u
q
e
r
F
k
c
o
l
C
L
L
PV C
C
V
5
.
5
o
t
2
.
4
=0
12
3z
H
M
t
)
L
L
P
(
U
S
r
e
z
i
s
e
h
t
n
y
S
y
c
n
e
u
q
e
r
F
L
L
P
e
z
il
i
b
a
t
S
o
t
e
m
i
T
t
i
a
WV C
C
V
0
.
5
=5
s
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com