Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 470 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 470 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 466Page - Renesas Technology Corp M32C/86 Datasheet HTML 467Page - Renesas Technology Corp M32C/86 Datasheet HTML 468Page - Renesas Technology Corp M32C/86 Datasheet HTML 469Page - Renesas Technology Corp M32C/86 Datasheet HTML 470Page - Renesas Technology Corp M32C/86 Datasheet HTML 471Page - Renesas Technology Corp M32C/86 Datasheet HTML 472Page - Renesas Technology Corp M32C/86 Datasheet HTML 473Page - Renesas Technology Corp M32C/86 Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 505 page
background image
Page 447
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
26. Electrical Characteristics (M32C/86T)
VCC=5V
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
x
a
M
c
te
m
i
T
e
l
c
y
C
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
5
2
.
1
3s
n
w
t
)
H
(
h
t
d
i
W
)
"
H
"
(
h
g
i
H
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
5
7
.
3
1s
n
w
t
)
L
(
h
t
d
i
W
)
"
L
"
(
w
o
L
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
5
7
.
3
1s
n
r
te
m
i
T
e
s
i
R
k
c
o
l
C
l
a
n
r
e
t
x
E
5s
n
f
te
m
i
T
ll
a
F
k
c
o
l
C
l
a
n
r
e
t
x
E
5s
n
Timing Requirements
(VCC=4.2 to 5.5 V, VSS=0 V at Topr= -40 to 85oC (T version) unless otherwise specified)
Table 26.33 External Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com